Electronic Components Datasheet Search
  English  ▼

X  

ADIS16448AMLZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16448AMLZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448AMLZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16448AMLZ Datasheet HTML 12Page - Analog Devices ADIS16448AMLZ Datasheet HTML 13Page - Analog Devices ADIS16448AMLZ Datasheet HTML 14Page - Analog Devices ADIS16448AMLZ Datasheet HTML 15Page - Analog Devices ADIS16448AMLZ Datasheet HTML 16Page - Analog Devices ADIS16448AMLZ Datasheet HTML 17Page - Analog Devices ADIS16448AMLZ Datasheet HTML 18Page - Analog Devices ADIS16448AMLZ Datasheet HTML 19Page - Analog Devices ADIS16448AMLZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 16 of 24
INPUT/OUTPUT CONFIGURATION
DATA READY INDICATOR
The data ready indicator provides a signal that indicates
when the registers are updating, so that system processors can
avoid data collision, a condition when internal register updates
happen at the same time that an external processor requests it.
The data ready signal has valid and invalid states. Using the
transition from invalid to valid to trigger an interrupt service
routine provides the most time for data acquisition (before the
next register update). See Figure 4 and Table 2 for specific
timing information. MSC_CTRL[2:0] (see Table 30) provide
control bits for enabling this function, selecting the polarity
of the valid state and I/O line assignment (DIO1, DIO2). The
factory default setting of MSC_CTRL[2:0] = 110 (DIN =
0xB406) establishes DIO1 as a data ready output line and assigns
the valid state with a logic high (1). Set MSC_CTRL[2:0] = 100
(DIN = 0xB404) to change the polarity of the data ready signal on
DIO1 for interrupt inputs that require negative logic inputs for
activation.
GENERAL-PURPOSE INPUT/OUTPUT
DIO1, DIO2, DIO3, and DIO4 are configurable, general-purpose
input/output lines that serve multiple purposes. The data
ready controls in MSC_CTRL[2:0] have the highest priority
for configuring DIO1 and DIO2. The alarm indicator controls in
ALM_CTRL[2:0] have the second highest priority for configuring
DIO1 and DIO2. The external clock control associated with
SMPL_PRD[0] has the highest priority for DIO4 configuration
(see Table 34). GPIO_CTRL in Table 33 has the lowest priority
for configuring DIO1, DIO2, and DIO4, and has absolute
control over DIO3.
Table 33. GPIO_CTRL (Base Address = 0x32), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Not used
11
General-Purpose I/O Line 4 (DIO4) data level
10
General-Purpose I/O Line 3 (DIO3) data level
9
General-Purpose I/O Line 2 (DIO2) data level
8
General-Purpose I/O Line 1 (DIO1) data level
[7:4]
Not used
3
General-Purpose I/O Line 4 (DIO4) direction control
1 = output, 0 = input
2
General-Purpose I/O Line 3 (DIO3) direction control
1 = output, 0 = input
1
General-Purpose I/O Line 2 (DIO2) direction control
1 = output, 0 = input
0
General-Purpose I/O Line 1 (DIO1) direction control
1 = output, 0 = input
Example Input/Output Configuration
For example, set GPIO_CTRL[3:0] = 0100 (DIN = 0xB204)
to set DIO3 as an output signal pin and DIO1, DIO2, and
DIO4 as input signal pins. Set the output on DIO3 to 1 by
setting GPIO_CTRL[10] = 1 (DIN = 0xB304). Then, read
GPIO_CTRL[7:0] (DIN = 0x3200) and mask off GPIO_CTRL[9:8]
and GPIO_CTRL[11] to monitor the digital signal levels on
DIO4, DIO2, and DIO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com