Electronic Components Datasheet Search
  English  ▼

X  

ADIS16448AMLZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16448AMLZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448AMLZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16448AMLZ Datasheet HTML 10Page - Analog Devices ADIS16448AMLZ Datasheet HTML 11Page - Analog Devices ADIS16448AMLZ Datasheet HTML 12Page - Analog Devices ADIS16448AMLZ Datasheet HTML 13Page - Analog Devices ADIS16448AMLZ Datasheet HTML 14Page - Analog Devices ADIS16448AMLZ Datasheet HTML 15Page - Analog Devices ADIS16448AMLZ Datasheet HTML 16Page - Analog Devices ADIS16448AMLZ Datasheet HTML 17Page - Analog Devices ADIS16448AMLZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 14 of 24
SYSTEM FUNCTIONS
GLOBAL COMMANDS
The GLOB_CMD register in Table 25 provides trigger bits
for software reset, flash memory management, and calibration
control. Start each of these functions by writing a 1 to the assigned
bit in GLOB_CMD. After completing the task, the bit automati-
cally returns to 0. For example, set GLOB_CMD[7] = 1 (DIN =
0xBE80) to initiate a software reset. Set GLOB_CMD[3] = 1 (DIN
= 0xBE08) to back up the user register contents in nonvolatile
flash. This sequence includes loading the control registers with
the data in their respective flash memory locations prior to
producing new data.
Table 25. GLOB_CMD (Base Address = 0x3E), Write Only
Bits
Description (Default = 0x0000)
[15:8]
Not used
7
Software reset
[6:4]
Not used
3
Flash update
2
Not used
1
Factory calibration restore
0
Gyroscope bias correction
PRODUCT IDENTIFICATION
The PROD_ID register in Table 28 contains the binary equivalent
of 16,448. It provides a product specific variable for systems that
need to track this in their system software. The LOT_ID1 and
LOT_ID2 registers in Table 26 and Table 27 combine to provide
a unique, 32-bit lot identification code. The SERIAL_NUM
register in Table 29 contains a binary number that represents
the serial number on the device label. The assigned serial
numbers in SERIAL_NUM are lot specific.
Table 26. LOT_ID1 (Base Address = 0x52), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 27. LOT_ID2 (Base Address = 0x54), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 28. PROD_ID (Base Address = 0x56), Read Only
Bits
Description (Default = 0x4040)
[15:0]
Product identification = 0x4040
Table 29. SERIAL_NUM (Base Address = 0x58), Read Only
Bits
Description
[15:12]
Reserved
[11:0]
Serial number, 1 to 4094 (0xFFE)
SELF-TEST FUNCTION
The MSC_CTRL register in Table 30 provides a self-test function
for the gyroscopes, accelerometers, magnetometers, and
barometers. Note that the magnetometer results assume that
the non-earth magnetic fields are low, in comparison to the
earth’s magnetic field. This function allows the user to verify
the mechanical integrity of each MEMS sensor. When enabled,
the self test applies an electrostatic force to each internal sensor
element, which causes them to move. The movement in each
element simulates its response to actual rotation/acceleration
and generates a predictable electrical response in the sensor outputs.
Set MSC_CTRL[10] = 1 (DIN = 0xB504) to activate the internal self
test routine, which compares the response to an expected range of
responses and reports a pass/fail response to DIAG_STAT[5]. If this
is high, review DIAG_STAT[15:10] to identify the failing sensor.
Table 30. MSC_CTRL (Base Address = 0x34), Read/Write
Bits
Description (Default = 0x0006)
[15:12]
Not used
11
Checksum memory test (cleared upon completion)1
1 = enabled, 0 = disabled
10
Internal self test (cleared upon completion)1
1 = enabled, 0 = disabled
[9:8]
Do not use, always set to 00
7
Not used
6
Point of percussion, see Figure 22
1 = enabled, 0 = disabled
[5:3]
Not used
2
Data ready enable
1 = enabled, 0 = disabled
1
Data ready polarity
1 = active high when data is valid
0 = active low when data is valid
0
Data ready line select
1 = DIO2, 0 = DIO1
1
The bit is automatically reset to 0 after finishing the test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com