Electronic Components Datasheet Search
  English  ▼

X  

2SA1978 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1978 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SA1978 Datasheet HTML 1Page - Renesas Technology Corp 2SA1978 Datasheet HTML 2Page - Renesas Technology Corp 2SA1978 Datasheet HTML 3Page - Renesas Technology Corp 2SA1978 Datasheet HTML 4Page - Renesas Technology Corp 2SA1978 Datasheet HTML 5Page - Renesas Technology Corp 2SA1978 Datasheet HTML 6Page - Renesas Technology Corp 2SA1978 Datasheet HTML 7Page - Renesas Technology Corp 2SA1978 Datasheet HTML 8Page - Renesas Technology Corp 2SA1978 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3
2SA1978
TYPICAL CHARACTERISTICS
0
50
100
200
100
200
TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
150
300
400
IC - Collector Current - mA
VCE = 10 V
f = 1 GHZ
NOISE FIGURE VS. COLLECTOR CURRENT
1
0
2
4
6
10
100
–0.01
–1
–0.1
–10
–100
–1000
–0.1
–1.0
–10
–0.01
–1
–0.1
–10
–100
–1000
–0.1
–1.0
–10
COLLECTOR SATURATION AND BASE TO EMITTER
VOLTAGE VS. COLLECTOR CURRENT
IC - Collector Current - mA
IC - Collector Current - mA
0
6
14
1
10
100
IC - Collector Current - mA
INSERTION GAIN vs. COLLECTOR CURRENT
f = 1 GHZ
2
4
8
10
12
0
6
14
1
10
100
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
f = 1 GHZ
2
4
8
10
12
VCE = –10 V
IC = 10 · IB
VCE = –1 V
VCE = –10 V
VCE = –3 V
VCE = –1 V
VCE = –10 V
VCE = –3 V
VCE = –1 V
BASE TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com