Electronic Components Datasheet Search
  English  ▼

X  

2SA1978 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1978 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SA1978 Datasheet HTML 4Page - Renesas Technology Corp 2SA1978 Datasheet HTML 5Page - Renesas Technology Corp 2SA1978 Datasheet HTML 6Page - Renesas Technology Corp 2SA1978 Datasheet HTML 7Page - Renesas Technology Corp 2SA1978 Datasheet HTML 8Page - Renesas Technology Corp 2SA1978 Datasheet HTML 9Page - Renesas Technology Corp 2SA1978 Datasheet HTML 10Page - Renesas Technology Corp 2SA1978 Datasheet HTML 11Page - Renesas Technology Corp 2SA1978 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7
2SA1978
S-PARAMETER
(VCE = 3 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.558
− 37.1
11.0
153.
0.0288
74.3
915
− 16.3
200
0.485
− 67.9
9.13
133.
0.0467
83.0
784
− 27.0
300
0.423
− 92.5
7.48
119.
0.0611
58.1
670
− 33.0
400
0.381
− 111
6.21
109.
0.0703
56.5
590
− 36.0
500
0.353
− 127
5.18
101.
0.0801
56.1
531
− 37.4
600
0.339
− 140
4.47
95.1
0.0880
56.7
490
− 38.1
700
0.329
− 151
3.92
89.9
0.0938
57.5
461
− 33.8
800
0.325
− 160
3.48
84.9
0.104
57.9
438
− 39.8
900
0.325
− 169
3.14
80.7
0.113
58.7
419
− 40.4
1000
0.326
− 176
2.87
76.9
0.122
59.5
408
− 41.6
1100
0.330
177
2.64
73.0
0.131
60.5
393
− 42.8
1200
0.335
170
2.44
69.6
0.140
61.2
386
− 44.0
1300
0.339
165
2.28
66.5
0.150
61.3
377
− 45.9
1400
0.345
160
2.13
63.3
0.160
61.9
366
− 47.5
1500
0.351
155
2.01
60.2
0.170
61.9
362
− 49.0
1600
0.360
151
1.90
57.4
0.181
61.8
354
− 51.0
1700
0.366
147
1.81
54.6
0.191
61.8
349
− 53.0
1800
0.374
143
1.72
52.0
0.202
61.7
344
− 55.5
1900
0.382
140
1.65
49.5
0.213
61.3
337
− 58.1
2000
0.390
137
1.58
47.0
0.223
61.0
334
− 60.4
2100
0.396
133
1.52
44.6
0.233
60.4
328
− 63.0
2200
0.404
130
1.46
42.4
0.243
60.2
321
− 65.9
2300
0.413
127
1.41
40.2
0.251
59.4
318
− 68.3
2400
0.418
125
1.36
38.0
0.273
58.9
314
− 72.1
2500
0.427
122
1.32
35.9
0.255
58.2
303
− 74.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com