Electronic Components Datasheet Search
  English  ▼

X  

2SA1978 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1978 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SA1978 Datasheet HTML 4Page - Renesas Technology Corp 2SA1978 Datasheet HTML 5Page - Renesas Technology Corp 2SA1978 Datasheet HTML 6Page - Renesas Technology Corp 2SA1978 Datasheet HTML 7Page - Renesas Technology Corp 2SA1978 Datasheet HTML 8Page - Renesas Technology Corp 2SA1978 Datasheet HTML 9Page - Renesas Technology Corp 2SA1978 Datasheet HTML 10Page - Renesas Technology Corp 2SA1978 Datasheet HTML 11Page - Renesas Technology Corp 2SA1978 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6
2SA1978
S-PARAMETER
(VCE = 1 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.527
− 47.1
10.5
149.
0.0359
70.6
0.881
− 21.1
200
0.468
− 83.4
8.37
128.
0.0584
58.7
0.716
− 34.2
300
0.427
− 109
6.63
114.
0.0729
53.6
0.586
− 40.9
400
0.407
− 128
5.36
104.
0.0835
52.1
0.503
− 44.3
500
0.393
− 143
4.46
96.6
0.0930
52.1
0.443
− 45.8
600
0.388
− 154
3.82
90.2
0.100
53.1
0.401
− 46.7
700
0.386
− 164
3.34
84.9
0.109
53.3
0.373
− 47.7
800
0.388
− 172
2.96
80.1
0.118
54.4
0.351
− 49.1
900
0.392
− 179
2.67
75.8
0.128
55.6
0.332
− 50.1
1000
0.394
174
2.43
71.6
0.137
56.4
0.319
− 51.4
1100
0.399
169
2.24
68.1
0.147
56.9
0.306
− 53.2
1200
0.405
163
2.07
64.6
0.158
57.2
0.298
− 54.5
1300
0.410
159
1.93
61.3
0.168
57.6
0.289
− 57.0
1400
0.416
154
1.81
58.0
0.179
57.7
0.280
− 59.3
1500
0.422
150
1.71
54.9
0.190
57.7
0.274
− 61.2
1600
0.431
147
1.62
52.0
0.201
57.7
0.267
− 64.4
1700
0.438
143
1.54
49.3
0.213
57.5
0.262
− 66.7
1800
0.445
140
1.47
46.6
0.224
57.2
0.259
− 70.3
1900
0.451
136
1.41
44.1
0.236
56.8
0.252
− 73.6
2000
0.460
133
1.35
41.5
0.248
56.3
0.247
− 76.3
2100
0.465
130
1.30
39.2
0.261
55.7
0.243
− 80.2
2200
0.473
127
1.26
36.9
0.273
55.1
0.239
− 84.4
2300
0.481
125
1.21
34.8
0.286
54.3
0.234
− 87.2
2400
0.487
122
1.17
32.5
0.299
53.3
0.235
− 91.9
2500
0.493
119
1.14
30.6
0.312
52.6
0.230
− 95.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com