Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5008 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5008 Datasheet HTML 1Page - Renesas Technology Corp 2SC5008 Datasheet HTML 2Page - Renesas Technology Corp 2SC5008 Datasheet HTML 3Page - Renesas Technology Corp 2SC5008 Datasheet HTML 4Page - Renesas Technology Corp 2SC5008 Datasheet HTML 5Page - Renesas Technology Corp 2SC5008 Datasheet HTML 6Page - Renesas Technology Corp 2SC5008 Datasheet HTML 7Page - Renesas Technology Corp 2SC5008 Datasheet HTML 8Page - Renesas Technology Corp 2SC5008 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC5008
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
µAVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
µAVEB = 1 V, IC = 0
DC Current Gain
hFE
80
160
VCE = 3 V, IC = 5 mA*1
Gain Bandwidth Product
fT
5.5
8.0
GHz
VCE = 3 V, IC = 5 mA
Feed-back Capacitance
Cre
0.3
0.7
pF
VCB = 3 V, IE = 0, f = 1 MHz*2
Insertion Power Gain
|S21e|2
5.5
7.5
dB
VCE = 3 V, IC = 5 mA, f = 2 GHz
Noise Figure
NF
1.9
3.2
dB
VCE = 3 V, IC = 5 mA, f = 2 GHz
*1 Pulse Measurement PW
≤ 350
µs, Duty Cycle ≤ 2 %
*2 The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance
bridge.
hFE Classification
RANK
FB
Marking
44
hFE
80 to 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com