Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5008 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5008 Datasheet HTML 3Page - Renesas Technology Corp 2SC5008 Datasheet HTML 4Page - Renesas Technology Corp 2SC5008 Datasheet HTML 5Page - Renesas Technology Corp 2SC5008 Datasheet HTML 6Page - Renesas Technology Corp 2SC5008 Datasheet HTML 7Page - Renesas Technology Corp 2SC5008 Datasheet HTML 8Page - Renesas Technology Corp 2SC5008 Datasheet HTML 9Page - Renesas Technology Corp 2SC5008 Datasheet HTML 10Page - Renesas Technology Corp 2SC5008 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC5008
5
S-PARAMETER
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.739
–23.1
15.190
151.5
.016
74.9
.922
–13.6
200.00
.617
–45.5
13.966
131.9
.027
63.0
.804
–22.2
300.00
.507
–64.6
12.474
115.9
.035
57.3
.699
–25.8
400.00
.414
–81.0
10.826
102.7
.042
51.8
.632
–27.3
500.00
.344
–94.7
9.421
91.8
.049
49.7
.583
–28.1
600.00
.296
–105.9
8.147
82.9
.055
47.0
.550
–28.1
700.00
.260
–116.6
7.211
74.9
.062
44.4
.525
–28.3
800.00
.236
–126.3
6.434
67.7
.068
41.8
.506
–28.7
900.00
.218
–136.2
5.806
60.9
.075
39.1
.490
–28.9
1000.00
.205
–144.8
5.288
54.6
.083
36.4
.477
–29.6
1100.00
.199
–153.1
4.864
48.6
.089
33.4
.466
–29.9
1200.00
.194
–161.6
4.500
42.7
.096
30.2
.457
–31.0
1300.00
.193
–168.9
4.191
37.0
.102
27.7
.449
–31.7
1400.00
.194
–175.6
3.908
31.4
.111
24.2
.441
–32.8
1500.00
.196
178.7
3.680
26.2
.118
21.0
.435
–33.9
1600.00
.202
173.5
3.489
20.7
.125
17.6
.429
–35.5
1700.00
.214
167.9
3.317
15.0
.133
12.6
.417
–37.2
1800.00
.222
161.7
3.154
9.6
.139
9.4
.406
–38.2
1900.00
.229
156.3
2.994
4.2
.145
6.0
.397
–39.4
2000.00
.237
151.7
2.857
–1.0
.152
2.6
.390
–40.5
2100.00
.246
147.5
2.748
–6.1
.159
–.9
.381
–42.1
2200.00
.253
144.6
2.626
–11.1
.167
–4.6
.374
–43.6
2300.00
.263
140.9
2.539
–16.2
.174
–8.0
.366
–45.2
2400.00
.271
137.9
2.445
–21.3
.182
–11.6
.357
–46.8
2500.00
.283
134.8
2.363
–26.3
.190
–15.2
.347
–48.4
2600.00
.292
132.0
2.288
–31.4
.197
–19.2
.338
–50.6
2700.00
.303
129.7
2.218
–36.4
.204
–22.9
.328
–52.5
2800.00
.315
127.4
2.147
–41.4
.211
–26.7
.318
–54.8
2900.00
.326
125.0
2.085
–46.3
.220
–30.8
.309
–56.9
3000.00
.339
122.7
2.032
–51.2
.227
–34.2
.299
–59.5
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.815
–17.7
11.972
155.6
.016
77.0
.947
–11.5
200.00
.732
–34.0
11.228
138.4
.029
63.4
.855
–20.4
300.00
.634
–50.1
10.480
123.5
.039
56.1
.757
–25.1
400.00
.539
–64.9
9.549
110.7
.047
51.8
.687
–27.9
500.00
.455
–78.9
8.722
99.0
.054
47.4
.630
–29.6
600.00
.392
–89.6
7.703
89.1
.060
44.0
.589
–30.5
700.00
.336
–100.4
6.951
80.3
.066
41.4
.557
–30.9
800.00
.297
–110.0
6.265
72.2
.073
38.5
.532
–31.5
900.00
.268
–119.5
5.700
64.9
.079
35.8
.511
–31.9
1000.00
.244
–128.0
5.221
58.3
.086
32.7
.494
–32.5
1100.00
.228
–136.6
4.802
51.8
.092
29.7
.480
–32.9
1200.00
.216
–145.2
4.479
45.5
.098
27.4
.468
–33.8
1300.00
.208
–153.4
4.169
39.6
.106
24.0
.459
–34.4
1400.00
.203
–160.8
3.900
33.9
.113
21.1
.449
–35.6
1500.00
.202
–167.7
3.674
28.2
.121
17.5
.440
–36.6
1600.00
.205
–173.8
3.478
22.7
.128
14.3
.433
–37.8
1700.00
.214
179.6
3.316
17.3
.135
10.2
.421
–39.7
1800.00
.219
172.5
3.153
11.6
.141
6.4
.409
–40.7
1900.00
.223
165.7
3.001
6.0
.146
3.5
.399
–41.7
2000.00
.230
160.0
2.874
.7
.153
0.0
.391
–43.0
2100.00
.236
155.4
2.753
–4.6
.160
–3.2
.382
–44.4
2200.00
.244
151.6
2.631
–9.6
.167
–6.9
.374
–45.7
2300.00
.254
147.1
2.548
–14.9
.174
–10.4
.365
–47.2
2400.00
.262
143.5
2.453
–20.0
.181
–13.8
.356
–49.0
2500.00
.273
140.2
2.370
–25.0
.189
–17.4
.346
–50.5
2600.00
.281
137.1
2.295
–30.2
.196
–21.0
.337
–52.7
2700.00
.293
134.1
2.228
–35.2
.203
–24.9
.328
–54.6
2800.00
.303
131.4
2.156
–40.2
.211
–28.3
.317
–56.7
2900.00
.315
128.6
2.092
–45.2
.218
–32.3
.307
–58.8
3000.00
.326
126.2
2.040
–50.1
.227
–36.1
.298
–61.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com