Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RL78_13 Datasheet HTML 1Page - Renesas Technology Corp RL78_13 Datasheet HTML 2Page - Renesas Technology Corp RL78_13 Datasheet HTML 3Page - Renesas Technology Corp RL78_13 Datasheet HTML 4Page - Renesas Technology Corp RL78_13 Datasheet HTML 5Page - Renesas Technology Corp RL78_13 Datasheet HTML 6Page - Renesas Technology Corp RL78_13 Datasheet HTML 7Page - Renesas Technology Corp RL78_13 Datasheet HTML 8Page - Renesas Technology Corp RL78_13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
R01DS0207EJ0100 Rev.1.00
Apr 15, 2013
Page 1 of 28
R01DS0207EJ0100
Rev.1.00
Apr 15, 2013
RL78/G10
RENESAS MCU
True Low Power Platform (as low as 46 µA/MHz), 2.0 to 5.5V Operation,
1 to 4 Kbyte Flash for General Purpose Applications
1. OUTLINE
1.1 Features
Ultra-Low Power Technology
• 2.0 to 5.5 V operation from a single supply
• Stop (RAM retained): 0.56 µA
• Operating: 46 µA /MHz
RL78-S1 Core
• Instruction execution: 78 % of instructions can be
executed in 1 to 2 clock cycles
• CISC architecture (Harvard) with 3-stage pipeline
• Multiply: 8 x 8 to 16-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 2 clock cycle
• 1-wire on-chip debug function
Main Flash Memory
• Density: 1 to 4 Kbyte
• Flash memory rewritable voltage: 4.5 to 5.5 V
RAM
• 128 to 512 Byte size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 20 MHz with +/-2 % accuracy over voltage (2.0 to
5.5 V) and temperature (-20 to +85°C)
• Pre-configured settings: 20 MHz, 10 MHz, 5 MHz,
2.5 MHz, and 1.25 MHz
Reset and Supply Management
• Selectable power-on reset (SPOR) generator
with 4 setting options
Multiple Communication Interfaces
• 1 x I2C master
• 1 x I2C multi-master (only for 16-pin product)
• 1 x UART (7-, 8-bit)
• Up to 2 x CSI/SPI (7-, 8-bit)
Extended-Function Timers
• Multi-function 16-bit timers: Up to 4 channels
• Interval timer: 12-bit, 1 channel (only for 16-pin product)
• 15 kHz watchdog timer : 1 channel
Rich Analog
• ADC: Up to 8 channels, 10-bit resolution,
3.4 µs conversion time
• Supports 2.4 V
• 1 x comparator (only for 16-pin product)
Safety Features
• Detects execution of illegal instruction
• Detects watchdog timer program loop
General Purpose I/O
• High-current (up to 20 mA per pin)
• Open-drain, internal pull-up support
External Interrupt
• External interrupt input: 4
• Key interrupt input: 6
Operating Ambient Temperature
• Standard: -40 to +85°C
Package Type and Pin Count
• SSOP: 10 and 16 pin
* There is difference in specifications between every product.
Please refer to specification for details.


Similar Part No. - RL78_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G13 RENESAS-RL78G13 Datasheet
229Kb / 46P
Serial Array Unit
RL78G13 RENESAS-RL78G13 Datasheet
3Mb / 200P
RENESAS MCU
RL78G13 RENESAS-RL78G13_15 Datasheet
3Mb / 200P
RENESAS MCU
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
More results

Similar Description - RL78_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com