Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RL78_13 Datasheet HTML 17Page - Renesas Technology Corp RL78_13 Datasheet HTML 18Page - Renesas Technology Corp RL78_13 Datasheet HTML 19Page - Renesas Technology Corp RL78_13 Datasheet HTML 20Page - Renesas Technology Corp RL78_13 Datasheet HTML 21Page - Renesas Technology Corp RL78_13 Datasheet HTML 22Page - Renesas Technology Corp RL78_13 Datasheet HTML 23Page - Renesas Technology Corp RL78_13 Datasheet HTML 24Page - Renesas Technology Corp RL78_13 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
RL78/G10
CHAPTER 2 ELECTRICAL SPECIFICATIONS
R01DS0207EJ0100 Rev.1.00
Apr 15, 2013
Page 21 of 28
(4) Simplified I
2C mode
(TA =
−40 to +85°C, 2.0 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCLr clock frequency
fSCL
2.0 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
400
Note 1
kHz
Hold time when SCLr = "L"
tLOW
2.0 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
ns
Hold time when SCLr = "H"
tHIGH
2.0 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
ns
Data setup time (reception)
tSU: DAT
2.0 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK +
145
Note 2
ns
Data hold time (transmission)
tHD: DAT
2.0 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
0
355
ns
Notes 1.
The value must also be equal to or less than fMCK/4.
2.
Set the fMCK value to keep the hold time of SCLr = "L" and SCLr = "H".
Caution Select the N-ch open drain output (VDD tolerance) mode for the SDAr pin by using the port output mode
register 0 (POM0).
Remarks 1. Rb [
Ω]: Communication line (SDAr) pull-up resistance, Cb [F]: Communication line (SCLr, SDAr) load
capacitance
2. r: IIC number (r = 00)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn).
m: Unit number, n: Channel number (mn = 00))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com