Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RL78_13 Datasheet HTML 9Page - Renesas Technology Corp RL78_13 Datasheet HTML 10Page - Renesas Technology Corp RL78_13 Datasheet HTML 11Page - Renesas Technology Corp RL78_13 Datasheet HTML 12Page - Renesas Technology Corp RL78_13 Datasheet HTML 13Page - Renesas Technology Corp RL78_13 Datasheet HTML 14Page - Renesas Technology Corp RL78_13 Datasheet HTML 15Page - Renesas Technology Corp RL78_13 Datasheet HTML 16Page - Renesas Technology Corp RL78_13 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
RL78/G10
CHAPTER 2 ELECTRICAL SPECIFICATIONS
R01DS0207EJ0100 Rev.1.00
Apr 15, 2013
Page 13 of 28
• Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80 % and IOH = - 10.0 mA
Total output current of pins = (- 10.0 × 0.7)/(80 × 0.01)
≅ - 8.7 mA
• Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80 % and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
≅ 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
4.
Value of current at which the device operation is guaranteed even if the current flows from an output pin to
the VSS pin.
5.
The value under the condition which satisfies the high-level output current (IOH1).
6.
The value under the condition which satisfies the low-level output current (IOL1).
Cautions 1.
P00 and P01 do not output high level in N-ch open-drain mode.
2.
The maximum value of VIH of P00 and P01 is VDD even in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com