Electronic Components Datasheet Search
  English  ▼

X  

2SC4102 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4102
Description  NPN 50mA 120V High Voltage Amplifier transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4102 Datasheet(HTML) 2 Page - Rohm

  2SC4102 Datasheet HTML 1Page - Rohm 2SC4102 Datasheet HTML 2Page - Rohm 2SC4102 Datasheet HTML 3Page - Rohm 2SC4102 Datasheet HTML 4Page - Rohm 2SC4102 Datasheet HTML 5Page - Rohm 2SC4102 Datasheet HTML 6Page - Rohm 2SC4102 Datasheet HTML 7Page - Rohm 2SC4102 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SC4102 / 2SC3906K
lAbsolute maximum ratings (Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Junction temperature
Range of storage temperature
lElectrical characteristics(Ta = 25°C)
*1 PW=100ms Single Pulse
*2 Each terminal mounted on a reference footprint
lh
FE rank categories
MHz
Output capacitance
Cob
VCB = 12V, IE = 0mA,
f = 1MHz
-
2.5
-
pF
Transition frequency
fT
VCE = 12V, IE = -2mA
f=100MHZ
-
140
V
DC current gain
hFE
VCE = 6V, IC = 2mA
180
-
560
-
Collector-emitter
saturation voltage
VCE(sat)
IC = 10mA, IB = 1mA
-
-
mA
Emitter cut-off current
IEBO
VEB = 4V
-
-
0.5
mA
Collector cut-off current
ICBO
VCB = 100V
-
-
°C
Tstg
-55 to +150
°C
-
V
Emitter-base
breakdown voltage
BVEBO
IE = 50mA
5
-
-
V
Collector-base
breakdown voltage
BVCBO
IC = 50mA
120
-
Unit
Collector-emitter
breakdown voltage
BVCEO
IC = 1mA
V
Parameter
VEBO
5
V
Power dissipation
PD
*2
Collector current
IC
50
2SC4102
2SC3906K
200
mW
mA
ICP
*1
100
mA
Parameter
Symbol
Values
Unit
VCBO
120
V
VCEO
120
V
Tj
150
Rank
R
S
hFE
180 to 390
270 to 560
Max.
0.5
0.5
-
120
-
-
Conditions
Min.
Typ.
Symbol
2/7
2013.05 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com