Electronic Components Datasheet Search
  English  ▼

X  

2SC4102 Datasheet(PDF) 5 Page - Rohm

Part # 2SC4102
Description  NPN 50mA 120V High Voltage Amplifier transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4102 Datasheet(HTML) 5 Page - Rohm

  2SC4102 Datasheet HTML 1Page - Rohm 2SC4102 Datasheet HTML 2Page - Rohm 2SC4102 Datasheet HTML 3Page - Rohm 2SC4102 Datasheet HTML 4Page - Rohm 2SC4102 Datasheet HTML 5Page - Rohm 2SC4102 Datasheet HTML 6Page - Rohm 2SC4102 Datasheet HTML 7Page - Rohm 2SC4102 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SC4102 / 2SC3906K
lElectrical characteristic curves(Ta = 25°C)
0.1
1
10
100
1000
0.1
1
10
100
1000
Ta=25ºC
Single non repetitive pulse
DC
(Mounted on a
reference land)
10ms
1ms
100ms
2SC4102
0.1
1
10
100
1000
0.1
1
10
100
1000
Ta=25ºC
Single non repetitive pulse
2SC3906K
DC
(Mounted on a
reference land)
10ms
1ms
100ms
1
10
100
0.1
1
10
100
C
ib
Ta=25ºC
f=1MHz
I
C=0A
I
E=0A
C
ob
Fig.9 Emitter input capacitance vs.
Emitter-Base Voltage
Collector output capacitance vs.
Collector-Base Voltage
COLLECTOR - BASE VOLTAGE : V
CB [V]
EMITTER - BASE VOLTAGE : V
EB [V]
Fig.10 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE[V]
Fig.11 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE [V]
5/7
2013.05 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com