Electronic Components Datasheet Search
  English  ▼

X  

2SC4102 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4102
Description  NPN 50mA 120V High Voltage Amplifier transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4102 Datasheet(HTML) 1 Page - Rohm

  2SC4102 Datasheet HTML 1Page - Rohm 2SC4102 Datasheet HTML 2Page - Rohm 2SC4102 Datasheet HTML 3Page - Rohm 2SC4102 Datasheet HTML 4Page - Rohm 2SC4102 Datasheet HTML 5Page - Rohm 2SC4102 Datasheet HTML 6Page - Rohm 2SC4102 Datasheet HTML 7Page - Rohm 2SC4102 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
2SC4102 / 2SC3906K
NPN 50mA 120V High Voltage Amplifier transistors
lOutline
lFeatures
1) High Breakdown Voltage (VCEO=120V).
2) Complementary PNP Types :
2SA1579 (UMT3) / 2SA1514K (SMT3)
3) Complex transistors :
IMX8 (SMT6)
4) Lead Free/RoHS Compliant.
lInner circuit
lApplications
High Voltage Amplifier
lPackaging specifications
*1 x : hFE rank
Tape width
(mm)
2SC3906K
SMT3
2928
T146
180
8
Part No.
Package
2SC4102
UMT3
2021
T106
3,000
Tx
*1
Basic
ordering
unit (pcs)
Marking
8
3,000
Tx
*1
180
UMT3
SMT3
VCEO
120V
Package
size
(mm)
Taping
code
Reel size
(mm)
IC
50mA
Parameter
Value
Base
Emitter
Collector
2SC3906K
SOT-346 (SC-59)
2SC4102
SOT-323 (SC-70)
Collector
Base
Emitter
Collector
Base
Emitter
1/7
2013.05 - Rev.B


Similar Part No. - 2SC4102

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SC4102 ROHM-2SC4102 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
logo
Guangdong Kexin Industr...
2SC4102 KEXIN-2SC4102 Datasheet
46Kb / 1P
High-voltage Amplifier Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4102 HTSEMI-2SC4102 Datasheet
468Kb / 1P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC4102 BILIN-2SC4102 Datasheet
152Kb / 3P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC4102

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com