Electronic Components Datasheet Search
  English  ▼

X  

AD5040 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5040
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 1 Page - Analog Devices

  AD5040 Datasheet HTML 1Page - Analog Devices AD5040 Datasheet HTML 2Page - Analog Devices AD5040 Datasheet HTML 3Page - Analog Devices AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, Serial-Input,
Voltage-Output, 12-/16-Bit DAC
AD5512A/AD5542A
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010-2011 Analog Devices, Inc. All rights reserved.
FEATURES
12-/16-bit resolution
1 LSB INL
11.8 nV/√Hz noise spectral density
1
µs settling time
1.1 nV-sec glitch energy
0.05 ppm/°C temperature drift
5 kV HBM ESD classification
0.375 mW power consumption at 3 V
2.7 V to 5.5 V single-supply operation
Hardware CLR and LDAC functions
50 MHz SPI-/QSPI-/MICROWIRE-/DSP-compatible interface
Power-on reset clears DAC output to midscale
Available in 3 mm × 3 mm, 10-/16-lead LFCSP and
16-lead TSSOP
APPLICATIONS
Automatic test equipment
Precision source-measure instruments
Data acquisition systems
Medical and aerospace instrumentation
Communication equipment
GENERAL DESCRIPTION
The AD5512A/AD5542A are single, 12-/16-bit, serial input,
unbuffered voltage output digital-to-analog converters (DAC)
that operate from a single 2.7 V to 5.5 V supply. The DAC
output range extends from 0 V to VREF and is guaranteed
monotonic, providing 1 LSB INL accuracy at 16 bits without
adjustment over the full specified temperature range of −40°C
to +85°C (AD5542A) or −40°C to +125°C (AD5512A).
Offering unbuffered outputs, the AD5512A/AD5542A achieve
a 1 μs settling time with low offset errors ideal for high speed
open loop control.
The AD5512A/AD5542A incorporate a bipolar mode of operation
that generates a ±VREF output swing. The AD5512A/AD5542A
also include Kelvin sense connections for the reference and
analog ground pins to reduce layout sensitivity.
The AD5512A/AD5542A are available in a 16-lead LFCSP with
the AD5542A also available in a 10-lead LFCSP and a 16-lead
TSSOP. The AD5512A/AD5542A use a versatile 3-wire interface
that is compatible with 50 MHz SPI, QSPI™, MICROWIRE™, and
DSP interface standards.
FUNCTIONAL BLOCK DIAGRAM
16-BIT DAC
16-BIT DAC LATCH
VDD
DGND
LDAC
REFF
VLOGIC
CS
DIN
CLR
VOUT
INV
RFB
AD5512A/
AD5542A
SCLK
RFB
RINV
REFS
AGNDF
AGNDS
CONTROL
LOGIC
SERIAL INPUT REGISTER
Figure 1. 16-Lead TSSOP and 16-Lead LFCSP
5
6
10
9
16-BIT DAC
16-BIT DAC LATCH
SERIAL INPUT REGISITER
GND
VDD
CLR
REF
CS
DIN
1
2
4
VOUT
7
INV
8
RFB
AD5542A-1
CONTROL
LOGIC
3
SCLK
RFB
RINV
Figure 2. 10-Lead LFCSP
Table 1. Related Devices
Part No.
Description
AD5040/AD5060
2.7 V to 5.5 V 14-/16-bit buffed output DACs
AD5541/AD5542
2.7 V to 5.5 V 16-bit voltage output DACs
AD5781/AD5791
18-/20-bit voltage output DACs
AD5570
16-bit ±12 V/±15 V bipolar output DAC
AD5024/AD5064
4.5 V to 5.5 V, 12-/16-bit quad channel DAC
AD5764
16-bit, bipolar, voltage output DAC
PRODUCT HIGHLIGHTS
1.
16-bit performance without adjustment.
2.
2.7 V to 5.5 V single supply operation.
3.
Low 11.8 nV/√Hz noise spectral density.
4.
Low 0.05 ppm/°C temperature drift.
5.
3 mm × 3 mm LFCSP and TSSOP packaging.


Similar Part No. - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
829Kb / 17P
Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
AD5040 AD-AD5040 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
AD5040 AD-AD5040 Datasheet
461Kb / 24P
Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5040 AD-AD5040 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results

Similar Description - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303 AD-AD7303 Datasheet
361Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com