Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 4 Page - Analog Devices

  AD7482 Datasheet HTML 1Page - Analog Devices AD7482 Datasheet HTML 2Page - Analog Devices AD7482 Datasheet HTML 3Page - Analog Devices AD7482 Datasheet HTML 4Page - Analog Devices AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7482
Rev. B | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE − 1
V
Input Low Voltage, VINL
0.4
V
Input Current, IIN
±1
μA
Input Capacitance, CIN4
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
0.7 × VDRIVE
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±10
μA
Floating State Output Capacitance4
10
pF
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
300
ns
Track-and-Hold Acquisition Time (tACQ)
70
ns
Sine wave input
70
ns
Full-scale step input
Throughput Rate
2.5
MSPS
Parallel Mode 1
3
MSPS
Parallel Mode 2
POWER REQUIREMENTS
AVDD
5
V
±5%
DVDD
5
V
±5%
VDRIVE
2.7
5.25
V
IDD
Normal Mode (Static)
13
mA
CS and RD = Logic 1
Normal Mode (Operational)
20
mA
Nap Mode
0.5
mA
Standby Mode
0.5
2
μA
Power Dissipation
Normal Mode (Operational)
100
mW
Nap Mode
2.5
mW
Standby Mode5
10
μW
1
SINAD figures quoted include external analog input circuit noise contribution of approximately 1 dB.
2
See the Typical Performance Characteristics section for analog input circuits used.
3
See the Terminology section.
4
Sample tested @ 25°C to ensure compliance.
5
Digital input levels at DGND or VDRIVE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com