Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices AD7482 Datasheet HTML 15Page - Analog Devices AD7482 Datasheet HTML 16Page - Analog Devices AD7482 Datasheet HTML 17Page - Analog Devices AD7482 Datasheet HTML 18Page - Analog Devices AD7482 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7482
Rev. B | Page 15 of 20
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
–OFFSET
+VREF – 1.5LSB
–OFFSET
1LSB = VREF/4096
Figure 22. Transfer Characteristic with Negative Offset
Table 5 shows the expected ADC result for a given analog input
voltage with different offset values and with CLIP tied to logic high.
The combined advantages of the offset and overrange features of
the AD7482 are shown in Table 6. Table 6 shows the same range of
analog input and offset values as Table 5 but with the clipping
feature disabled.
Table 5. Clipping Enabled (CLIP = 1)
Offset VIN
−128
0
+256
D12
ADC DATA, D[0:11]
−200 mV
0
0
0
1 1 1
−156.25 mV
0
0
0
1 1 0
0 V
0
0
256
1 0 0
+78.125 mV
0
128
384
0 0 0
+2.3431 V
3711
3839
4095
0 0 0
+2.5 V
3967
4095
4095
0 0 1
+2.5775 V
4095
4095
4095
0 1 1
+2.7 V
4095
4095
4095
1 1 1
Table 6. Clipping Disabled (CLIP = 0)
Offset VIN
−128
0
+256
ADC DATA, D[0:12]
−200 mV
−456
−328
−72
−156.25 mV
−384
−256
0
0 V
−128
0
256
+78.125 mV
0
128
384
+2.3431 V
3711
3839
4095
+2.5 V
3967
4095
4351
+2.5775 V
4095
4223
4479
+2.7 V
4296
4424
4680
If the CLIP input is at logic low, the overrange indicator is disabled
and the AD7482 is able to achieve output codes outside the
nominal 12-bit range of 0 to 4095 (see Figure 6). D12 acts as an
indicator that the ADC is outside this nominal range. If the ADC is
outside this nominal range on the negative side, the ADC outputs a
twos complement code and if the ADC is outside the range on the
positive side, the ADC outputs a straight binary code as normal.
If D12 is Logic 1, D11 indicates if the ADC is out of range on
the positive or negative side. If D11 is Logic 1, the ADC is outside
the nominal range on the negative side and the output code is a
13-bit twos complement number (a negative number). If D11 is
Logic 0, the ADC is outside the nominal range on the positive side
and the output code is a 13-bit straight binary code, see Table 7.
Table 7. DB14, DB13 Decoding, CLIP = 0
DB12
DB11
Output Coding
0
0
Straight binary – inside nominal range
0
1
Straight binary – inside nominal range
1
0
Straight binary – outside nominal range
1
1
Twos complement – outside nominal range
Values from −327 to +327 can be written to the offset register.
These values correspond to an offset of ±200 mV. A write to the
offset register is performed by writing a 13-bit word to the part
as detailed in the Parallel Interface section. The 10 LSBs of the
13-bit word contain the offset value, whereas the 3 MSBs must
be set to 0. Failure to write 0s to the 3 MSBs may result in the
incorrect operation of the device.
PARALLEL INTERFACE
The AD7482 features two parallel interfacing modes. These
modes are selected by the mode pins (see Table 8).
Table 8. Operating Modes
Operating Mode
Mode 2
Mode 1
Do Not Use
0
0
Parallel Mode 1
0
1
Parallel Mode 2
1
0
Do Not Use
1
1
In Parallel Mode 1, the data in the output register is updated on
the rising edge of BUSY at the end of a conversion and is available
for reading almost immediately afterward. Using this mode,
throughput rates of up to 2.5 MSPS can be achieved. This mode
is to be used if the conversion data is required immediately after
the conversion is completed. An example where this may be of use
is if the AD7482 is operating at much lower throughput rates in
conjunction with the nap mode (for power saving reasons), and
the input signal is being compared with set limits within the DSP or
other controller. If the limits are exceeded, the ADC is brought
immediately into full power operation and commences sampling at
full speed. Figure 31 shows a timing diagram for the AD7482
operating in Parallel Mode 1 with both CS and
In Parallel Mode 2, the data in the output register is not updated
until the next falling edge of
RD tied low.
CONVST. This mode can be used
where a single sample delay is not vital to the system operation,
and conversion speeds of greater than 2.5 MSPS are desired. For
example, this may occur in a system where a large amount of
samples are taken at high speed before an FFT is performed for
frequency analysis of the input signal. Figure 32 shows a timing
diagram for the AD7482 operating in Parallel Mode 2 with both
CS and RD tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com