Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices AD7482 Datasheet HTML 15Page - Analog Devices AD7482 Datasheet HTML 16Page - Analog Devices AD7482 Datasheet HTML 17Page - Analog Devices AD7482 Datasheet HTML 18Page - Analog Devices AD7482 Datasheet HTML 19Page - Analog Devices AD7482 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7482
Rev. B | Page 16 of 20
Data must not be read from the AD7482 while a conversion is
taking place. For this reason, if operating the AD7482 at through-
put speeds greater than 2.5 MSPS, it is necessary to tie both the
CS pin and RD pins on the AD7482 low and use a buffer on the
data lines. This situation may also arise in the case where a read
operation cannot be completed in the time after the end of one
conversion and the start of the quiet period before the next
conversion.
The maximum slew rate at the input of the ADC must be limited to
500 V/µs while BUSY is low to avoid corrupting the ongoing
conversion. In any multiplexed application where the channel is
switched during conversion, this is to happen as soon as possible
after the
Reading Data from the AD7482
BUSY falling edge.
Data is read from the part via a 13-bit parallel data bus with the
standard CS signal and RD signal. The CS signal and
The data lines D0 to D12 leave their high impedance state when
both the
RD signal are
internally gated to enable the conversion result onto the data bus.
CS and RD are logic low. Therefore, CS may be perma-
nently tied logic low if required, and the
Figure 29
RD signal may be used
to access the conversion result.
shows a timing specifica-
tion called tQUIET. This is the amount of time that must be left
after any data bus activity before the next conversion is initiated.
Writing to the AD7482
The AD7482 features a user accessible offset register. This allows
the bottom of the transfer function to be shifted by ±200 mV. This
feature is explained in more detail in the Offset/Overrange section.
To write to the offset register, a 13-bit word is written to the
AD7482 with the 10 LSBs containing the offset value in twos
complement format. The 3 MSBs must be set to 0. The offset
value must be within the range −327 to +327, corresponding to
an offset from −200 mV to +200 mV. The value written to the
offset register is stored and used until power is removed from
the device, or the device is reset. The value stored can be updated at
any time between conversions by another write to the device.
Table 9 shows examples of offset register values and their effective
offset voltage. Figure 30 shows a timing diagram for writing to
the AD7482.
Table 9. Offset Register Examples
Code
(Decimal)
D12 to D10
D9 to D0 (Twos
Complement)
Offset
(mV)
−327
000
1010111001
−200
−128
000
1110000000
−78.12
+64
000
0001000000
+39.06
+327
000
0101000111
+200
Driving the CONVST
To achieve the specified performance from the AD7482, the
Pin
CONVST pin must be driven from a low jitter source. Because
the falling edge on the
( )
(
)2
2
1
log
10
dB
j
IN
JITTER
t
f
SNR
×
×
π
=
CONVST pin determines the sampling
instant, any jitter that may exist on this edge appears as noise
when the analog input signal contains high frequency components.
The relationship between the analog input frequency (fIN), timing
jitter (tj), and resulting SNR is given by
For example, if the desired SNR due to jitter was 100 dB with a
maximum full-scale analog input frequency of 1.5 MHz, ignoring
all other noise sources, the result is an allowable jitter on the
CONVST falling edge of 1.06 ps. For a 12-bit converter (ideal
SNR = 74 dB), the allowable jitter is greater than 1.06 ps, but
due consideration must be given to the design of the
Typical Connection
CONVST
circuitry to achieve 12-bit performance with large analog input
frequencies.
Figure 23 shows a typical connection diagram for the AD7482
operating in Parallel Mode 1. Conversion is initiated by a falling
edge on CONVST. When CONVST goes low, the BUSY signal
goes low, and at the end of conversion, the rising edge of BUSY
is used to activate an interrupt service routine. The CS and
In
RD
lines are then activated to read the 12 data bits (13 bits if using
the overrange feature).
Figure 23, the VDRIVE pin is tied to DVDD, which results in
logic output levels being either 0 V or DVDD. The voltage applied to
VDRIVE controls the voltage value of the output logic signals. For
example, if DVDD is supplied by a 5 V supply and VDRIVE is supplied
by a 3 V supply, the logic output levels are either 0 V or 3 V. This
feature allows the AD7482 to interface to 3 V devices, while still
enabling the ADC to process signals at a 5 V supply.
RESET
PARALLEL
INTERFACE
MODE1
MODE2
WRITE
CLIP
NAP
STBY
D0 TO D12
CS
CONVST
RD
BUSY
CBIAS
REFSEL
REFIN
REFOUT
VIN
AD7482
ADM809
VDRIVE DVDD AVDD
0.1µF
DIGITAL
SUPPLY
4.75V TO 5.25V
10µF
1nF
+
0.1µF
0.1µF
+
47µF
ANALOG
SUPPLY
4.75V TO 5.25V
0V TO 2.5V
1nF
0.47µF
0.47µF
AD780 2.5V
REFERENCE
Figure 23. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com