Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5570
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 2 Page - Analog Devices

  AD5570 Datasheet HTML 1Page - Analog Devices AD5570 Datasheet HTML 2Page - Analog Devices AD5570 Datasheet HTML 3Page - Analog Devices AD5570 Datasheet HTML 4Page - Analog Devices AD5570 Datasheet HTML 5Page - Analog Devices AD5570 Datasheet HTML 6Page - Analog Devices AD5570 Datasheet HTML 7Page - Analog Devices AD5570 Datasheet HTML 8Page - Analog Devices AD5570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AD5512A....................................................................................... 3
AD5542A....................................................................................... 4
AC Characteristics........................................................................ 5
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
Digital-to-Analog Section ......................................................... 15
Serial Interface ............................................................................ 15
Unipolar Output Operation...................................................... 15
Bipolar Output Operation......................................................... 16
Output Amplifier Selection....................................................... 17
Force Sense Amplifier Selection............................................... 17
Reference and Ground............................................................... 17
Power-On Reset.......................................................................... 17
Power Supply and Reference Bypassing .................................. 17
Applications Information .............................................................. 18
Microprocessor Interfacing....................................................... 18
AD5512A/AD5542A to ADSP-BF531 Interface .................... 18
AD5512A/AD5542A to SPORT Interface .............................. 18
AD5512A/AD5542A to 68HC11/68L11 Interface .................... 18
AD5512A/AD5542A to ADSP-2101 Interface....................... 18
AD5512A/AD5542A to MICROWIRE Interface .................. 18
Layout Guidelines....................................................................... 19
Galvanically Isolated Interface ................................................. 19
Decoding Multiple DACs.......................................................... 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 21
REVISION HISTORY
5/11—Rev. 0 to Rev. A
Changes to Table 3, Power Dissipation Value and Endnote 1 .... 4
Changes to Table 5............................................................................ 6
Changes to Ordering Guide .......................................................... 21
10/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com