Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5570
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5570 Datasheet HTML 16Page - Analog Devices AD5570 Datasheet HTML 17Page - Analog Devices AD5570 Datasheet HTML 18Page - Analog Devices AD5570 Datasheet HTML 19Page - Analog Devices AD5570 Datasheet HTML 20Page - Analog Devices AD5570 Datasheet HTML 21Page - Analog Devices AD5570 Datasheet HTML 22Page - Analog Devices AD5570 Datasheet HTML 23Page - Analog Devices AD5570 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 21 of 24
2.48
2.38
2.23
0.50
0.40
0.30
TOP VIEW
10
1
6
5
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.74
1.64
1.49
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 42. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
INL
DNL
Power On
Reset to Code
Temperature
Range
Package Description
Package Option
Branding
AD5512AACPZ-REEL7
±1 LSB
±1 LSB
Midscale
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DFQ
AD5512AACPZ-500RL7
±1 LSB
±1 LSB
Midscale
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DFQ
AD5542ABRUZ
±1 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead TSSOP
RU-16
AD5542ABRUZ-REEL7
±1 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead TSSOP
RU-16
AD5542AARUZ
±2 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead TSSOP
RU-16
AD5542AARUZ-REEL7
±2 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead TSSOP
RU-16
AD5542ABCPZ-REEL7
±1 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-22
DFL
AD5542AACPZ-REEL7
±2 LSB
±1 LSB
Midscale
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-22
DFK
AD5442ABCPZ-1-RL7
±1 LSB
±1 LSB
Midscale
−40°C to +85°C
10-Lead LFCSP_WQ
CP-10-9
DFM
AD5542ABCPZ-500RL7
±1 LSB
±1 LSB
Midscale
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DFL
EVAL-AD5542ASDZ
AD5541A Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com