Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5570
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 3 Page - Analog Devices

  AD5570 Datasheet HTML 1Page - Analog Devices AD5570 Datasheet HTML 2Page - Analog Devices AD5570 Datasheet HTML 3Page - Analog Devices AD5570 Datasheet HTML 4Page - Analog Devices AD5570 Datasheet HTML 5Page - Analog Devices AD5570 Datasheet HTML 6Page - Analog Devices AD5570 Datasheet HTML 7Page - Analog Devices AD5570 Datasheet HTML 8Page - Analog Devices AD5570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 3 of 24
SPECIFICATIONS
AD5512A
VDD = 2.7 V to 5.5 V, VLOGIC = 2.7 V to 5.5 V, VREF = 2.5 V, AGND = DGND = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Condition
STATIC PERFORMANCE
Resolution
12
Bits
Relative Accuracy (INL)
±0.5
±1.0
LSB
Differential Nonlinearity (DNL)
±0.5
±1.0
LSB
Guaranteed monotonic
Gain Error
+0.5
±2
LSB
Gain Error Temperature Coefficient
±0.1
ppm/°C
Unipolar Zero-Code Error
0.03
±0.5
LSB
Unipolar Zero-Code Temperature Coefficient
±0.05
ppm/°C
Bipolar Resistor Matching
1
Ω/Ω
R
FB/RINV, typically RFB = RINV = 28 kΩ
±0.02
±0.08
%
Ratio error
Bipolar Zero Offset Error
±0.07
±2
LSB
Bipolar Zero Temperature Coefficient
±0.2
ppm/°C
Bipolar Zero-Code Offset Error
±0.02
±0.5
LSB
Bipolar Gain Error
±0.07
±2
LSB
Bipolar Gain Temperature Coefficient
±0.1
ppm/°C
OUTPUT CHARACTERISTICS
Output Voltage Range
0
V
REF − 1 LSB
V
Unipolar operation
−V
REF
+V
REF − 1 LSB
V
Bipolar operation
DAC Output Impedance
6.25
kΩ
Tolerance typically 20%
Power Supply Rejection Ratio
±1.0
LSB
ΔV
DD ± 10%
Output Noise Spectral Density
11.8
nV/√Hz
DAC code = 0x840 (AD5512A) or
0x8400 (AD5542A), frequency = 1 kHz,
unipolar mode
Output Noise
0.134
μV p-p
0.1 Hz to 10 Hz, unipolar mode
DAC REFERENCE INPUT2
Reference Input Range
2.0
V
DD
V
Reference Input Resistance3
9
kΩ
Unipolar operation
7.5
kΩ
Bipolar operation
Reference Input Capacitance
26
pF
Code 0x0000
26
pF
Code 0x3FFF
LOGIC INPUTS
Input Current
±1
μA
Input Low Voltage, V
INL
0.8
V
V
DD = 2.7 V to 5.5 V
Input High Voltage, V
INH
2.4
V
V
DD = 2.7 V to 5.5 V
Input Capacitance2
10
pF
Hysteresis Voltage2
0.15
V
POWER REQUIREMENTS
V
DD
2.7
5.5
V
All digital inputs at 0 V, V
LOGIC, or VDD
I
DD
125
150
µA
V
IH = VLOGIC or VDD and VIL = GND
V
LOGIC
1.8
5.5
V
I
LOGIC
15
24
µA
All digital inputs at 0 V, V
LOGIC, or VDD
Power Dissipation
1.5
6.05
mW
1 Temperatures are as follows: A version −40°C to +125°C.
2 Guaranteed by design, not subject to production test.
3 Reference input resistance is code-dependent, minimum at 0x855.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com