Electronic Components Datasheet Search
  English  ▼

X  

AD9739 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9739
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739 Datasheet(HTML) 4 Page - Analog Devices

  AD9739 Datasheet HTML 1Page - Analog Devices AD9739 Datasheet HTML 2Page - Analog Devices AD9739 Datasheet HTML 3Page - Analog Devices AD9739 Datasheet HTML 4Page - Analog Devices AD9739 Datasheet HTML 5Page - Analog Devices AD9739 Datasheet HTML 6Page - Analog Devices AD9739 Datasheet HTML 7Page - Analog Devices AD9739 Datasheet HTML 8Page - Analog Devices AD9739 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
Integral Nonlinearity (INL)
±1.3
LSB
Differential Nonlinearity (DNL)
±0.8
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
5.5
%
Full-Scale Output Current
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Common-Mode Output Resistance
10
MΩ
Differential Output Resistance
70
Ω
Output Capacitance
1
pF
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
1.2
1.6
2.0
V
Common-Mode Voltage
900
mV
DAC Clock Rate
0.8
2.5
GHz
TEMPERATURE DRIFT
Gain
60
ppm/°C
Reference Voltage
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.15
1.2
1.25
V
Output Resistance
5
kΩ
ANALOG SUPPLY VOLTAGES
VDDA
3.1
3.3
3.5
V
VDDC
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
VDD33
3.10
3.3
3.5
V
VDD
1.70
1.8
1.90
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.0 GSPS
IVDDA
37
38
mA
IVDDC
159
166
mA
IVDD33
34
37
mA
IVDD
233
238
mA
Power Dissipation
0.940
0.975
W
Sleep Mode, IVDDA
2.5
2.75
mA
Power-Down Mode (Register 0x01 = 0x33 and Register 0x02 = 0x80)
IVDDA
0.02
mA
IVDDC
3.8
mA
IVDD33
0.5
mA
IVDD
0.1
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.5 GSPS
IVDDA
37
mA
IVDDC
223
mA
IVDD33
34
mA
IVDD
290
mA
Power Dissipation
1.16
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com