Electronic Components Datasheet Search
  English  ▼

X  

AD9739 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9739
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9739 Datasheet HTML 5Page - Analog Devices AD9739 Datasheet HTML 6Page - Analog Devices AD9739 Datasheet HTML 7Page - Analog Devices AD9739 Datasheet HTML 8Page - Analog Devices AD9739 Datasheet HTML 9Page - Analog Devices AD9739 Datasheet HTML 10Page - Analog Devices AD9739 Datasheet HTML 11Page - Analog Devices AD9739 Datasheet HTML 12Page - Analog Devices AD9739 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 9 of 48
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
VSSA, ANALOG SUPPLY GROUND
VSSA SHIELD, ANALOG SUPPLY GROUND SHIELD
VDDA, 3.3V, ANALOG SUPPLY
Figure 2. Analog Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
VSS DIGITAL SUPPLY GROUND
VDD33, 3.3V DIGITAL SUPPLY
VDD, 1.8V, DIGITAL SUPPLY
Figure 3. Digital Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
VSSC, CLOCK SUPPLY GROUND
VDDC, 1.8V, CLOCK SUPPLY
Figure 4. Digital LVDS Clock Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
SYNC_OUT_P/_N
DB1[0:13]P
DB1[0:13]N
DB0[0:13]P
DB0[0:13]N
DIFFERENTIAL INPUT SIGNAL (CLOCK OR DATA)
SYNC_IN_P/_N
DACCLK_N
DACCLK_P
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
DCI_P/_N
DCO_P/_N
Figure 5. Digital LVDS Input, Clock I/O (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com