Electronic Components Datasheet Search
  English  ▼

X  

AD9739 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9739
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739 Datasheet(HTML) 1 Page - Analog Devices

  AD9739 Datasheet HTML 1Page - Analog Devices AD9739 Datasheet HTML 2Page - Analog Devices AD9739 Datasheet HTML 3Page - Analog Devices AD9739 Datasheet HTML 4Page - Analog Devices AD9739 Datasheet HTML 5Page - Analog Devices AD9739 Datasheet HTML 6Page - Analog Devices AD9739 Datasheet HTML 7Page - Analog Devices AD9739 Datasheet HTML 8Page - Analog Devices AD9739 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
14-Bit, 2.5 GSPS,
RF Digital-to-Analog Converter
Data Sheet
AD9739
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Direct RF synthesis at 2.5 GSPS update rate
DC to 1.25 GHz in baseband mode
1.25 GHz to 3.0 GHz in mix mode
Industry leading single/multicarrier IF or RF synthesis
fOUT = 350 MHz, ACLR =80 dBc
fOUT = 950 MHz, ACLR = 78 dBc
fOUT = 2100 MHz, ACLR = 69 dBc
Dual-port LVDS data interface
Up to 1.25 GSPS operation
Source synchronous DDR clocking
Pin-compatible with the AD9739A
Multichip synchronization capability
Programmable output current: 8.7 mA to 31.7 mA
Low power: 1.16 W at 2.5 GSPS
APPLICATIONS
Broadband communications systems
Military jammers
Instrumentation, automatic test equipment
Radar, avionics
GENERAL DESCRIPTION
The AD9739 is a 14-bit, 2.5 GSPS high performance RF digital-
to-analog converter (DAC) capable of synthesizing wideband
signals from dc up to 3.0 GHz. Its DAC core features a quad-
switch architecture that provides exceptionally low distortion
performance with an industry-leading direct RF synthesis
capability. This feature enables multicarrier generation up to
the Nyquist frequency in baseband mode as well as second and
third Nyquist zones in mix mode. The output current can be
programmed over the 8.66 mA to 31.66 mA range.
The inclusion of on-chip controllers simplifies system integration.
A dual-port, source synchronous, LVDS interface simplifies the
digital interface with existing FGPA/ASIC technology. On-chip
controllers are used to manage external and internal clock domain
variations over temperature to ensure reliable data transfer from
the host to the DAC core. Multichip synchronization is possible
with an on-chip synchronization controller. A serial peripheral
interface (SPI) is used for device configuration as well as readback
of status registers.
The AD9739 is manufactured on a 0.18 μm CMOS process and
operates from 1.8 V and 3.3 V supplies. It is supplied in a 160-ball
chip scale ball grid array for reduced package parasitics.
FUNCTIONAL BLOCK DIAGRAM
DCI
SDO
SDIO
SCLK
CS
DACCLK
DCO
SYNC_OUT
SYNC_IN

CLK DISTRIBUTION
(DIV-BY-4)
SPI
RESET
SYNC-
CONTROLLER
IOUTP
IOUTN
VREF
I120
IRQ
1.2V
DAC BIAS
AD9739
TxDAC
CORE
Figure 1.
PRODUCT HIGHLIGHTS
1.
Ability to synthesize high quality wideband signals with
bandwidths of up to 1.25 GHz in the first or second
Nyquist zone.
2.
A proprietary quad-switch DAC architecture provides
exceptional ac linearity performance while enabling mix
mode operation.
3.
A dual-port, double data rate, LVDS interface supports the
maximum conversion rate of 2500 MSPS.
4.
On-chip controllers manage external and internal clock
domain skews.
5.
A multichip synchronization capability.
6.
Programmable differential current output with a 8.66 mA
to 31.66 mA range.


Similar Part No. - AD9739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9739-R2-EBZ AD-AD9739-R2-EBZ Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9739A AD-AD9739A Datasheet
4Mb / 64P
RF Digital-to-Analog Converters
AD9739A-EBZ AD-AD9739A-EBZ Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
More results

Similar Description - AD9739

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9119 AD-AD9119 Datasheet
2Mb / 68P
11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9684 AD-AD9684 Datasheet
1Mb / 64P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com