Electronic Components Datasheet Search
  English  ▼

X  

AD9912BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9912BCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9912BCPZ Datasheet HTML 4Page - Analog Devices AD9912BCPZ Datasheet HTML 5Page - Analog Devices AD9912BCPZ Datasheet HTML 6Page - Analog Devices AD9912BCPZ Datasheet HTML 7Page - Analog Devices AD9912BCPZ Datasheet HTML 8Page - Analog Devices AD9912BCPZ Datasheet HTML 9Page - Analog Devices AD9912BCPZ Datasheet HTML 10Page - Analog Devices AD9912BCPZ Datasheet HTML 11Page - Analog Devices AD9912BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9912
Rev. F | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Analog Supply Voltage (AVDD)
2 V
Digital Supply Voltage (DVDD)
2 V
Digital I/O Supply Voltage
(DVDD_I/O)
3.6 V
DAC Supply Voltage (AVDD3 Pins)
3.6 V
Maximum Digital Input Voltage
−0.5 V to DVDD_I/O + 0.5 V
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
64-Lead LFCSP
25.2
13.9
1.7
°C/W typical
Note that the exposed pad on the bottom of package must be
soldered to ground to achieve the specified thermal performance.
See the Typical Performance Characteristics section for more
information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com