Electronic Components Datasheet Search
  English  ▼

X  

AD9912BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9912BCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9912BCPZ Datasheet HTML 20Page - Analog Devices AD9912BCPZ Datasheet HTML 21Page - Analog Devices AD9912BCPZ Datasheet HTML 22Page - Analog Devices AD9912BCPZ Datasheet HTML 23Page - Analog Devices AD9912BCPZ Datasheet HTML 24Page - Analog Devices AD9912BCPZ Datasheet HTML 25Page - Analog Devices AD9912BCPZ Datasheet HTML 26Page - Analog Devices AD9912BCPZ Datasheet HTML 27Page - Analog Devices AD9912BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9912
Rev. F | Page 24 of 40
THERMAL PERFORMANCE
Table 7. Thermal Parameters
Symbol
Thermal Characteristic Using a JEDEC51-7 Plus JEDEC51-5 2S2P Test Board
Value
Unit
θJA
Junction-to-ambient thermal resistance, 0.0 m/sec air flow per JEDEC JESD51-2 (still air)
25.2
°C/W
θJMA
Junction-to-ambient thermal resistance, 1.0 m/sec air flow per JEDEC JESD51-6 (moving air)
22.0
°C/W
θJMA
Junction-to-ambient thermal resistance, 2.0 m/sec air flow per JEDEC JESD51-6 (moving air)
19.8
°C/W
θJB
Junction-to-board thermal resistance, 1.0 m/sec air flow per JEDEC JESD51-8 (moving air)
13.9
°C/W
θJC
Junction-to-case thermal resistance (die-to-heat sink) per MIL-Std 883, Method 1012.1
1.7
°C/W
ΨJT
Junction-to-top-of-package characterization parameter, 0 m/sec air flow per JEDEC JESD51-2 (still air)
0.1
°C/W
The AD9912 is specified for a case temperature (TCASE). To
ensure that TCASE is not exceeded, an airflow source can be used.
Use the following equation to determine the junction tempera-
ture on the application PCB:
TJ
= TCASE + (ΨJT × PD)
where:
TJ
is the junction temperature (°C).
TCASE
is the case temperature (°C) measured by customer at top
center of package.
ΨJT
is the value from Table 7.
PD
is the power dissipation (see the Total Power Dissipation
section in the Specifications section).
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ
= TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of θJB are provided for package comparison and PCB
design considerations.
The values in Table 7 apply to both 64-lead package options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com