Electronic Components Datasheet Search
  English  ▼

X  

AD9912BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9912BCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9912BCPZ Datasheet HTML 17Page - Analog Devices AD9912BCPZ Datasheet HTML 18Page - Analog Devices AD9912BCPZ Datasheet HTML 19Page - Analog Devices AD9912BCPZ Datasheet HTML 20Page - Analog Devices AD9912BCPZ Datasheet HTML 21Page - Analog Devices AD9912BCPZ Datasheet HTML 22Page - Analog Devices AD9912BCPZ Datasheet HTML 23Page - Analog Devices AD9912BCPZ Datasheet HTML 24Page - Analog Devices AD9912BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9912
Rev. F | Page 21 of 40
SYSCLK PLL Multiplier
When the SYSCLK PLL multiplier path is employed, the
frequency applied to the SYSCLK input pins must be limited so
as not to exceed the maximum input frequency of the SYSCLK
PLL phase detector. A block diagram of the SYSCLK generator
appears in Figure 45.
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
VCO
÷2
÷N
~2pF
(N = 2 TO 33)
KVCO
(HIGH/LOW RANGE)
2
ICP
(125µA, 250µA, 375µA)
SYSCLK PLL MULTIPLIER
LOOP_FILTER
FROM
SYSCLK
INPUT
DAC
SAMPLE
CLOCK
1GHz
Figure 45. Block Diagram of the SYSCLK PLL
The SYSCLK PLL multiplier has a 1 GHz VCO at its core.
A phase/frequency detector (PFD) and charge pump provide
the steering signal to the VCO in typical PLL fashion. The PFD
operates on the falling edge transitions of the input signal, which
means that the loop locks on the negative edges of the reference
signal. The charge pump gain is controlled via the I/O register
map by selecting one of three possible constant current sources
ranging from 125 μA to 375 μA in 125 μA steps. The center
frequency of the VCO is also adjustable via the I/O register map
and provides high/low gain selection. The feedback path from
VCO to PFD consists of a fixed divide-by-2 prescaler followed
by a programmable divide-by-N block, where 2 ≤ N ≤ 33. This
limits the overall divider range to any even integer from 4 to 66,
inclusive. The value of N is programmed via the I/O register map
via a 5-bit word that spans a range of 0 to 31, but the internal
logic automatically adds a bias of 2 to the value entered, extending
the range to 33. Care should be taken when choosing these
values so as not to exceed the maximum input frequency of the
SYSCLK PLL phase detector or SYSCLK PLL doubler. These
values can be found in the AC Specifications section.
External Loop Filter (SYSCLK PLL)
The loop bandwidth of the SYSCLK PLL multiplier can be
adjusted by means of three external components as shown in
Figure 46. The nominal gain of the VCO is 800 MHz/V. The
recommended component values (shown in Table 6) establish
a loop bandwidth of approximately 1.6 MHz with the charge
pump current set to 250 μA. The default case is N = 40, and
it assumes a 25 MHz SYSCLK input frequency and generates
an internal DAC sampling frequency (fS) of 1 GHz.
CHARGE
PUMP
~2pF
LOOP_FILTER
C2
R1
C1
EXTERNAL
LOOP FILTER
VCO
AD9912
FERRITE
BEAD
AVDD
29
26
31
Figure 46. External Loop Filter for SYSCLK PLL
Table 6. Recommended Loop Filter Values for a Nominal
1.5 MHz SYSCLK PLL Loop Bandwidth
Multiplier
R1
Series C1
Shunt C2
<8
390 Ω
1 nF
82 pF
10
470 Ω
820 pF
56 pF
20
1 kΩ
390 pF
27 pF
40 (default)
2.2 kΩ
180 pF
10 pF
60
2.7 kΩ
120 pF
5 pF
Detail of SYSCLK Differential Inputs
A diagram of the SYSCLK input pins is provided in Figure 47.
Included are details of the internal components used to bias the
input circuitry. These components have a direct effect on the
static levels at the SYSCLK input pins. This information is
intended to aid in determining how best to interface to the
device for a given application.
500
Ω
500
Ω
~1.5pF
~1.5pF
INTERNAL
CLOCK
VSS
~1V
VSS
~2pF
+
SYSCLK PLL BYPASSED
1k
Ω
1k
Ω
~3pF
~3pF
INTERNAL
CLOCK
VSS
~1V
VSS
~2pF
+
SYSCLK PLL ENABLED
AMP
INTERNAL
CLOCK
CRYSTAL RESONATOR WITH
SYSCLK PLL ENABLED
MUX
SYSCLK
SYSCLKB
Figure 47. Differential SYSCLK Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com