Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1012
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1025
1025fb
TYPICAL APPLICATIO S
VOUT
10mV/
°C
0
°C TO 500°C
R5
47k
R1
1k
1%
R7
15k
R3
141k
1%
R2
100
Ω
R4
141k
C1
0.1
µF
GND
LT1025
–15V
–
–
+
+
15V
6V
15V
–15V
R6
10k
TYPE E
1
µF
*SEE “REVERSING THE POLARITY OF THE 10mV/
°C OUTPUT”
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
LTKA0x
††
–10mV/
°C
VIN
VO
Utilizing Negative LT1025 Drive to Accommodate Grounded Thermocouple*
R6
7.5k
1%
R7
500
FULL-SCALE
TRIM
5V**
V
–
V
–
V
+
GND
VIN
VO
LT1025
R9
100k
R5
3k
–
+
TYPE K
†
–15V
–
+
LTKA0x
††
10mV/
°C
VOUT
VCM
10mV/
°C
C1*
C2*
R3
1M
0.1%
R1
10k
0.1%
R2
10k
0.1%
R4
1M
0.1%
R8
5k
1%
=
(V
–)(10k)
VOUT (MAX)
*C1 AND C2 FILTER RIPPLE AND NOISE, BUT WILL LIMIT AC COMMON-MODE REJECTION
IF NOT MATCHED. SUGGESTED VALUES ARE 0.001
µF TO 0.1µF
**USE LOWEST POSSIBLE SUPPLY VOLTAGE TO MINIMIZE INTERNAL TEMPERATURE RISE
† FOR BEST ACCURACY, THERMOCOUPLE RESISTANCE SHOULD BE LESS THAN 100
Ω
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
Differential Thermocouple Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com