Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1012
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1025
1025fb
TYPICAL APPLICATIO S
Type S Thermocouple Amplifier with Ultralow Offset and Drift †
+
–
* TRIM R5 FOR VOUT = 1.669V AT VIN = 0.000mV (+INPUT OF AMPLIFIER GROUNDED)
** TRIM R2 FOR VOUT = 9.998V AT T = 1000°C, OR FOR VIN AT +INPUT OF AMPLIFIER = 9.585mV
† THIS AMPLIFIER HAS A DELIBERATE OFFSET TO ALLOW OUTPUT SLOPE (10mV/
°C) TO BE SET
INDEPENDENTLY FROM AN ARBITRARY HIGH TEMPERATURE CENTER POINT (1000
°C). THIS IS
REQUIRED BECAUSE THE SLOPE OF TYPE “S” THERMOCOUPLES VARIES RAPIDLY WITH
TEMPERATURE, INCREASING FROM 6
µV/°C AT 25°C to 11µV/°C AT 1000°C. NONLINEARITY LIMITS
ACCURACY TO
≈3°C OVER THE 800°C TO 1200°C RANGE EVEN WITH OFFSET CORRECTION
V
+
V
+
V
–
TYPE S
R7
750k
R6
12k
–15V
LT1009
2.5V
R4
1.37M
1%
R1
1k
1%
R2**
100
Ω
FULL-SCALE
TRIM
R3
909k
1%
0.1
µF
0.1
µF
1
4
8
6
7
3
5
2
R5*
10k
OFFSET
TRIM
R4
2.7k
1
µF
0.1
µF
15V
VOUT
10mV/
°C
800
°C TO 1200°C
VIN
VO
LT1025
LT1052
GND
R
–
R,S
–+
LT1025 • TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com