Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1012
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1025
1025fb
+
–
* FOR BEST ACCURACY, THERMOCOUPLE RESISTANCE
SHOULD BE LESS THAN 50
Ω
** SELECTED FOR 0
°C TO 200°C RANGE
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
V
+
V
+
V
–
R1
10k
1%
FULL-SCALE
ADJUST
VOUT
10mV/
°C
LTKA0x
††
R7
6.8k
R4
10k
R5
2k
R3
1M
1%
C1
0.01
µF
R6**
8.4k
C2
0.01
µF
TYPE J*
VIN
J
LT1025
GND
R
–
–
+
LT1025 • TA07
Grounded Thermocouple Amplifier with Positive Output
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
LT/TP 1103 1K REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1988
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1012
Picoamp Input Current Op Amp
120
µV Max VOS, 280pA Max IOS
LTC1050
Zero Drift Amplifier
5
µV Max VOS, AVOL 1V/µV Max
LTC2050
SOT-23 Zero Drift Amplifier
3
µV Max VOS
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com