Electronic Components Datasheet Search
  English  ▼

X  

AP7340 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7340
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7340 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7340 Datasheet HTML 7Page - Diodes Incorporated AP7340 Datasheet HTML 8Page - Diodes Incorporated AP7340 Datasheet HTML 9Page - Diodes Incorporated AP7340 Datasheet HTML 10Page - Diodes Incorporated AP7340 Datasheet HTML 11Page - Diodes Incorporated AP7340 Datasheet HTML 12Page - Diodes Incorporated AP7340 Datasheet HTML 13Page - Diodes Incorporated AP7340 Datasheet HTML 14Page - Diodes Incorporated AP7340 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP7340
Document number: DS35282 Rev. 2 - 2
13 of 15
www.diodes.com
October 2013
© Diodes Incorporated
AP7340
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: X2-DFN1010-4
A
A 1
A 3
D
E
Z
b
e
L
L 2
D2
L 1
S e a t i n g P l a n e
X2-DFN1010-4
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0.00
0.05
0.02
A3
-
-
0.13
b
0.20
0.30
0.25
D
0.95
1.05
1.00
D2
0.38
0.58
0.48
E
0.95
1.05
1.00
E2
0.38
0.58
0.48
e
-
-
0.65
L
0.20
0.30
0.25
L1
0.27
0.37
0.32
L2
0.02
0.12
0.07
Z
-
-
0.050
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Package Type: X2-DFN1010-4
C
X 2
Y 1
Y 4
Y 3
X 1
X
Y
Y 2
Dimensions
Value
(in mm)
C
0.650
X
0.250
X1
0.480
X2
0.900
Y
0.400
Y1
0.470
Y2
0.220
Y3
0.480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com