Electronic Components Datasheet Search
  English  ▼

X  

AP7340 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7340
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7340 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7340 Datasheet HTML 1Page - Diodes Incorporated AP7340 Datasheet HTML 2Page - Diodes Incorporated AP7340 Datasheet HTML 3Page - Diodes Incorporated AP7340 Datasheet HTML 4Page - Diodes Incorporated AP7340 Datasheet HTML 5Page - Diodes Incorporated AP7340 Datasheet HTML 6Page - Diodes Incorporated AP7340 Datasheet HTML 7Page - Diodes Incorporated AP7340 Datasheet HTML 8Page - Diodes Incorporated AP7340 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP7340
Document number: DS35282 Rev. 2 - 2
3 of 15
www.diodes.com
October 2013
© Diodes Incorporated
AP7340
Electrical Characteristics
(VEN = VIN = VOUT +1.0V, CIN = COUT 0.47µF, IOUT = 1.0mA @TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
TA = -40°C to +85°C
1.7
5.25
V
Output Voltage Accuracy (Note 11)
VIN = (VOUT – Nom +1.0V) to
5.25V, IOUT = 1mA to 150mA
TA = +25°C
-1
1
%
TA = -40°C to +85°C
-1.5
+1.5
Line Regulation (dVOUT/dVIN/VOUT) VIN = (VOUT – Nom +1.0V) to 5.25V, IOUT = 1.0mA
0.02
0.1
%/V
Load Regulation
(dVOUT/VOUT/dIOUT)
VIN = VOUT - Nom +1.0V, IOUT = 1mA to 150mA
0.5
1.0
%/A
Quiescent Current
(Note 6)
IOUT = 0mA
35
50
uA
IOUT = 150mA
60
100
ISTANDBY
VEN = 0V (Disabled)
0.01
1.0
uA
Output Current
150
mA
Fold-back Short Current (Note 7)
VOUT short to ground
55
mA
PSRR (Note 8)
VIN = [VOUT+1V] VDC + 0.2Vp-pAC,
VOUT ≥1.8V,
IOUT = 30mA
f = 1kHz
75
dB
Output Noise Voltage (Note 8)
(Note 9)
BW = 10Hz to 100kHz, IOUT = 30mA
60
µVrms
Dropout Voltage
(Note 5)
IOUT = 150mA
1.2V ≤ VOUT < 1.5V
0.50
0.62
V
1.5V ≤ VOUT < 1.7V
0.38
0.47
1.7V ≤ VOUT < 2.0V
0.34
0.42
2.0V ≤ VOUT < 2.5V
0.28
0.36
2.5V ≤ VOUT < 2.8V
0.22
0.30
2.8V ≤ VOUT ≤ 3.3V
0.21
0.27
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
±30
ppm/C
EN Input Low Voltage
0
0.5
V
EN Input High Voltage
1.3
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
+1.0
µA
On Resistance of N-channel for
auto-discharge (Note 10)
Vin = 4.0V VEN = 0V (Disabled)
30

Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7340 has 2 options for output, Built-in discharge and non-discharge
11. Potential multiple grades based on following output voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com