Electronic Components Datasheet Search
  English  ▼

X  

AP7340 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7340
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7340 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7340 Datasheet HTML 1Page - Diodes Incorporated AP7340 Datasheet HTML 2Page - Diodes Incorporated AP7340 Datasheet HTML 3Page - Diodes Incorporated AP7340 Datasheet HTML 4Page - Diodes Incorporated AP7340 Datasheet HTML 5Page - Diodes Incorporated AP7340 Datasheet HTML 6Page - Diodes Incorporated AP7340 Datasheet HTML 7Page - Diodes Incorporated AP7340 Datasheet HTML 8Page - Diodes Incorporated AP7340 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7340
Document number: DS35282 Rev. 2 - 2
2 of 15
www.diodes.com
October 2013
© Diodes Incorporated
AP7340
Pin Descriptions
Pin Name
PIN No
Function
X2-DFN1010-4
VOUT
1
Power Output Pin
GND
2
Ground
EN
3
Enable pin. This pin should be driven either high or low and must not be floating. Driving this pin
high enables the regulator, while pulling it low puts the regulator into shutdown mode
VIN
4
Power Input pin
Thermal PAD
In PCB layout, prefer to use large copper area to cover this pad for better thermal dissipation, then
connect this area to GND or leave it open. However do not use it as GND electrode function alone.
Functional Block Diagram
AP7340 (Non discharge)
AP7340D (with discharge)
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage EN
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
300
mA
PD
Power Dissipation
400
mW
TA
Operating Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
b). Ratings apply to ambient temperature at 25°C . The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board
with 1-ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com