Electronic Components Datasheet Search
  English  ▼

X  

LT1956IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1956IGN
Description  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 7Page - Linear Technology LT1956IGN Datasheet HTML 8Page - Linear Technology LT1956IGN Datasheet HTML 9Page - Linear Technology LT1956IGN Datasheet HTML 10Page - Linear Technology LT1956IGN Datasheet HTML 11Page - Linear Technology LT1956IGN Datasheet HTML 12Page - Linear Technology LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1956/LT1956-5
1956f
APPLICATIO S I FOR ATIO
iron cores are forgiving because they saturate softly,
whereas ferrite cores saturate abruptly. Other core mate-
rials fall somewhere in between. The following formula
assumes continuous mode of operation, but errs only
slightly on the high side for discontinuous mode, so it can
be used for all conditions.
II
I
I
VV
V
Vf L
PEAK
OUT
LP P
OUT
OUT
IN
OUT
IN
=+
=+
()
-
22
–
•• •
EMI
Decide if the design can tolerate an “open” core geometry
like a rod or barrel, which have high magnetic field
radiation, or whether it needs a closed core like a toroid to
prevent EMI problems. This is a tough decision because
the rods or barrels are temptingly cheap and small and
there are no helpful guidelines to calculate when the
magnetic field radiation will be a problem.
Additional Considerations
After making an initial choice, consider additional factors
such as core losses and second sourcing, etc. Use the
experts in Linear Technology’s Applications department if
you feel uncertain about the final choice. They have
experience with a wide range of inductor types and can tell
you about the latest developments in low profile, surface
mounting, etc.
MAXIMUM OUTPUT LOAD CURRENT
Maximum load current for a buck converter is limited by
the maximum switch current rating (IP). The current rating
for the LT1956 is 1.5A. Unlike most current mode convert-
ers, the LT1956 maximum switch current limit does not
fall off at high duty cycles. Most current mode converters
suffer a drop off of peak switch current for duty cycles
above 50%. This is due to the effects of slope compensa-
tion required to prevent subharmonic oscillations in cur-
rent mode converters. (For detailed analysis, see Applica-
tion Note 19.)
The LT1956 is able to maintain peak switch current limit
over the full duty cycle range by using patented circuitry to
cancel the effects of slope compensation on peak switch
current without affecting the frequency compensation it
provides.
Maximum load current would be equal to maximum
switch current for an infinitely large inductor, but with
finite inductor size, maximum load current is reduced by
one half of peak-to-peak inductor current (ILP-P). The
following formula assumes continuous mode operation,
implying that the term on the right is less than one half
of IP.
I
Continuous Mode
I
I
I
VV
V
V
V
Vf L
OUT MAX
P
LP P
P
OUT
F
IN
OUT
F
IN
()
––
––
==
+
()(
)
()( )( )()
-
22
For VOUT = 5V, VIN(MAX) = 8V, VF(DI) = 0.63V, f = 500kHz
and L = 10
µH:
I
A
OUT MAX
()
–
.–
.– – .
••
.– .
.
=
+
()(
)
()()
()(
)
==
15
5 0 63 8 5 0 63
2 8 500 10
10 10
15 017
1 33
36
Note that there is less load current available at the higher
input voltage because inductor ripple current increases. At
VIN = 15V and using the same set of conditions:
I
A
OUT MAX
()
–
.–
.– – .
••
.– .
.
=
+
()(
)
()( )
()(
)
==
15
5 0 63 15 5 0 63
2 15 500 10
10 10
15 035
1 15
36
To calculate peak switch current with a given set of
conditions, use:
II
I
I
VV
V
V
V
Vf L
SW PEAK
OUT
LP P
OUT
OUT
F
IN
OUT
F
IN
()
––
=+
=+
+
()(
)
()( )( )()
-
2
2
Reduced Inductor Value and Discontinuous Mode
If the smallest inductor value is of the most importance to
a converter design, in order to reduce inductor size/cost,
discontinuous mode may yield the smallest inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com