Electronic Components Datasheet Search
  English  ▼

X  

LT1956IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LT1956IGN
Description  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 20Page - Linear Technology LT1956IGN Datasheet HTML 21Page - Linear Technology LT1956IGN Datasheet HTML 22Page - Linear Technology LT1956IGN Datasheet HTML 23Page - Linear Technology LT1956IGN Datasheet HTML 24Page - Linear Technology LT1956IGN Datasheet HTML 25Page - Linear Technology LT1956IGN Datasheet HTML 26Page - Linear Technology LT1956IGN Datasheet HTML 27Page - Linear Technology LT1956IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT1956/LT1956-5
1956f
LT/TP 0303 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1076/ Step-Down Switching Regulators
Up to 64V Input, 100kHz, 5A and 2A
LT1076HV
LT1082
1A High Voltage/Efficiency Switching Voltage Regulator
Up to 75V Input, 60kHz Operation
LT1370
High Efficiency DC/DC Converter
Up to 42V, 6A, 500kHz Switch
LT1371
High Efficiency DC/DC Converter
Up to 35V, 3A, 500kHz Switch
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
Operation Up to 25V Input, Synchronizable (LT1375),
N8, S8, S16
LT1616
600mA, 1.4MHz Step-Down Switching Regulator
3.6V to 25V VIN, 6-Lead ThinSOT
TM
LT1676
Wide Input Range, High Efficiency, Step-Down Switching Regulator
7.4V to 60V VIN, 100kHz Operation, 700mA Internal Switch, S8
LT1765
Monolithic 3A, 1.25MHz Step-Down Regulator
VIN: 3V to 25V; VREF = 1.2V; S8, TSSOP-16E
Exposed Pad
LT1766
Wide Input Range, High Efficiency, Step-Down Switching Regulator
5.5V to 60V Input, 200kHz Operation, 1.5A Internal Switch,
TSSOP-16E
LT1767
Monolithic 1.5A, 1.25MHz Step-Down Regulator
VIN: 3V to 25V; VREF = 1.2V; MS8
LT1776
Wide Input Range, High Efficiency, Step-Down Switching Regulator
Up to 7.4V to 60V, 200kHz Operation, 700mA Internal Switch,
TSSOP-16E
LT1777
Low Noise Buck Regulator
Operation Up to 48V, Controlled Voltage
and Current Slew Rates, S16
ThinSOT is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
GN16 (SSOP) 0502
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.053 – .068
(1.351 – 1.727)
.008 – .012
(0.203 – 0.305)
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 TYP
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com