| Electronic Components Datasheet Search |
|
LT1956IGN Datasheet(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1956IGN Datasheet(HTML) 12 Page - Linear Technology |
|
12 / 28 page ![]() 12 LT1956/LT1956-5 1956f APPLICATIO S I FOR ATIO load current is required, the inductor value must be increased. If IOUT(MAX) no longer meets the discontinuous mode criteria, use the IOUT(MAX) equation for continuous mode; the LT1956 is designed to operate well in both modes of operation, allowing a large range of inductor values to be used. SHORT-CIRCUIT CONSIDERATIONS For a ground short-circuit fault on the regulated output, the maximum input voltage for the LT1956 is typically limited to 25V. If a greater input voltage is required, increasing the resistance in series with the inductor may suffice (see short-circuit calculations at the end of this section). Alternatively, the 1.5A LT1766 can be used since it is identical to the LT1956 but runs at a lower frequency of 200kHz, allowing higher sustained input voltage capa- bility during output short circuit. The LT1956 is a current mode controller. It uses the VC node voltage as an input to a current comparator which turns off the output switch on a cycle-by-cycle basis as peak switch current is reached. The internal clamp on the VC node, nominally 2V, then acts as an output switch peak current limit. This action becomes the switch current limit specification. The maximum available output power is then determined by the switch current limit. A potential controllability problem could occur under short-circuit conditions. If the power supply output is short circuited, the feedback amplifier responds to the low output voltage by raising the control voltage, VC, to its peak current limit value. Ideally, the output switch would be turned on, and then turned off as its current exceeded the value indicated by VC. However, there is finite response time involved in both the current comparator and turnoff of the output switch. These result in a minimum on time tON(MIN). When combined with the large ratio of VIN to (VF + I • R), the diode forward voltage plus inductor I • R voltage drop, the potential exists for a loss of control. Expressed mathematically the requirement to maintain control is: ft VI R V ON F IN • • ≤ + solution. The maximum output load current in discontinu- ous mode, however, must be calculated and is defined later in this section. Discontinuous mode is entered when the output load current is less than one-half of the inductor ripple current (ILP-P). In this mode, inductor current falls to zero before the next switch turn-on (see Figure 8). Buck converters will be in discontinuous mode for output load current given by: I Discontinous Mode VV V V V Vf L OUT OUT F IN OUT F IN < + ()( – – ) ()( )( )() 2 The inductor value in a buck converter is usually chosen large enough to keep inductor ripple current (ILP-P) low; this is done to minimize output ripple voltage and maxi- mize output load current. In the case of large inductor values, as seen in the equation above, discontinuous mode will be associated with “light loads.” When choosing small inductor values, however, discon- tinuous mode will occur at much higher output load currents. The limit to the smallest inductor value that can be chosen is set by the LT1956 peak switch current (IP) and the maximum output load current required given by: IOUT(MAX) LP-P Discontinuous Mode I I If L V VV V V V PP IN OUT F IN OUT F == +− 22 22 () ()( )( ) ()( – ) Example: For VIN = 15V, VOUT = 5V, VF = 0.63V, f = 500kHz and L = 4 µH I Discontinuous Mode OUT MAX () . ( • )( • )( ) (. )( – – . ) = + − 1 5 500 10 4 10 15 2 5 0 63 1550 63 23 6 IOUT(MAX) Discontinuous Mode = 0.639A What has been shown here is that if high inductor ripple current and discontinuous mode operation can be toler- ated, small inductor values can be used. If a higher output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |