Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 15 Page - Analog Devices

Part # AD5379ABC
Description  40-Channel, 14-Bit, Parallel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 11Page - Analog Devices AD5379ABC Datasheet HTML 12Page - Analog Devices AD5379ABC Datasheet HTML 13Page - Analog Devices AD5379ABC Datasheet HTML 14Page - Analog Devices AD5379ABC Datasheet HTML 15Page - Analog Devices AD5379ABC Datasheet HTML 16Page - Analog Devices AD5379ABC Datasheet HTML 17Page - Analog Devices AD5379ABC Datasheet HTML 18Page - Analog Devices AD5379ABC Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD5379
Rev. B | Page 14 of 28
Pin
Function
FIFOEN
FIFO Enable (Level Sensitive, Active High). When connected to DVDD, the internal FIFO is enabled, allowing the user to
write to the device at full speed. FIFO is available in both serial and parallel mode. The FIFOEN pin has an internal
1 MΩ pull-down resistor connected to ground, meaning that the FIFO is disabled by default.
RESET
Asynchronous Digital Reset Input (Falling Edge Sensitive). If unused, RESET may be left unconnected; an internal pull-
up resistor (1 MΩ) ensures that the RESET input is held high. The function of this pin is equivalent to that of the power-
on reset generator. When this pin is taken low, the AD5379 state machine initiates a reset sequence to digitally reset
x1, m, c, and x2 registers to their default power-on values. This sequence takes 100 μs (typ). Furthermore, the input to
each of the DAC output buffer stages, VOUT0 to VOUT39, is switched to the externally set potential on the relevant
REFGND pin. During RESET, BUSY goes low and the parallel interface is disabled. All LDAC pulses are ignored until
BUSY goes high. When RESET is taken high again, the DAC ouputs remain at REFGND until LDAC is taken low.
REFGNDA1
Reference Ground for DACs 0 to 7. VOUT0 to VOUT7 are referenced to this voltage.
REFGNDA2
Reference Ground for DACs 8 and 9. VOUT8 and VOUT9 are referenced to this voltage.
REFGNDB1
Reference Ground for DACs 10 to 17. VOUT10 to VOUT17 are referenced to this voltage.
REFGNDB2
Reference Ground for DACs 18 and 19. VOUT18 and VOUT19 are referenced to this voltage.
REFGNDC1
Reference Ground for DACs 20 to 27. VOUT20 to VOUT27 are referenced to this voltage.
REFGNDC2
Reference Ground for DACs 28 and 29. VOUT28 and VOUT29 are referenced to this voltage.
REFGNDD1
Reference Ground for DACs 30 to 37. VOUT30 to VOUT37 are referenced to this voltage.
REFGNDD2
Reference Ground for DACs 38 and 39. VOUT38 and VOUT39 are referenced to this voltage.
1 These serial interface signals do not require separate pins, but share parallel interface pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com