Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABC Datasheet(PDF) 25 Page - Analog Devices

Part # AD5379ABC
Description  40-Channel, 14-Bit, Parallel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 21Page - Analog Devices AD5379ABC Datasheet HTML 22Page - Analog Devices AD5379ABC Datasheet HTML 23Page - Analog Devices AD5379ABC Datasheet HTML 24Page - Analog Devices AD5379ABC Datasheet HTML 25Page - Analog Devices AD5379ABC Datasheet HTML 26Page - Analog Devices AD5379ABC Datasheet HTML 27Page - Analog Devices AD5379ABC Datasheet HTML 28Page - Analog Devices AD5379ABC Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AD5379
Rev. B | Page 24 of 28
DATA DECODING
The AD5379 contains a 14-bit data bus, DB13 to DB0. Depend-
ing on the values of REG1 and REG0, this data is loaded into
the addressed DAC input register(s), offset (c) register(s), gain
(m) register(s), or the special function register.
Table 12. DAC Data Format (REG1 = 1, REG0 = 1)
DB13 to DB0
DAC Output
11 1111 1111 1111
(16383/16384) VREF(+) V
11 1111 1111 1110
(16382/16384) VREF(+) V
10 0000 0000 0001
(8193/16384) VREF(+) V
10 0000 0000 0000
(8192/16384) VREF(+) V
01 1111 1111 1111
(8191/16384) VREF(+) V
00 0000 0000 0001
(1/16384) VREF(+) V
00 0000 0000 0000
0 V
Table 13. Offset Data Format (REG1 = 1, REG0 = 0)
DB13 to DB0
Offset (LSB)
11 1111 1111 1111
+8191
11 1111 1111 1110
+8190
10 0000 0000 0001
+1
10 0000 0000 0000
+0
01 1111 1111 1111
−1
00 0000 0000 0001
−8191
00 0000 0000 0000
−8192
Table 14. Gain Data Format (REG1 = 0, REG0 = 1)
DB13 to DB1
Gain
1 1111 1111 1111
8192/8192
1 1111 1111 1110
8191/8192
1 0000 0000 0001
4098/8192
1 0000 0000 0000
4097/8192
0 1111 1111 1111
4096/8192
0 0000 0000 0001
2/8192
0 0000 0000 0000
1/8192
Table 15. Special Function Data Format (REG1 = 0, REG0 = 0)
DB13 to DB0
Increment/Decrement Step (LSB)
00000 10 1111111
+127
00000 10 0000111
+7
00000 10 0000001
+1
00000 X0 0000000
0
00000 00 0000001
−1
00000 00 0000111
−7
00000 00 1111111
−128
Table 16. Soft Reset (REG1 = 0, REG0 = 0)
DB13 to DB0
DAC Output
11 1111 1111 1111
REFGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com