Electronic Components Datasheet Search
  English  ▼

X  

AD9740-EB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 210 MSPS TxDAC D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 7Page - Analog Devices AD9740-EB Datasheet HTML 8Page - Analog Devices AD9740-EB Datasheet HTML 9Page - Analog Devices AD9740-EB Datasheet HTML 10Page - Analog Devices AD9740-EB Datasheet HTML 11Page - Analog Devices AD9740-EB Datasheet HTML 12Page - Analog Devices AD9740-EB Datasheet HTML 13Page - Analog Devices AD9740-EB Datasheet HTML 14Page - Analog Devices AD9740-EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9740
Rev. B | Page 11 of 32
210MSPS
(LFCSP)
210MSPS
165MSPS
65MSPS
AOUT (dBFS)
95
90
45
55
50
65
60
75
70
85
80
–25
–15
–20
–10
–5
0
125MSPS
Figure 12. Single-Tone SFDR vs. AOUT @ fOUT = fCLOCK/11
AOUT (dBFS)
95
45
55
65
75
85
90
50
60
70
80
–25
–15
–20
–10
–5
0
210MSPS (LFCSP)
210MSPS
165MSPS
125MSPS
65MSPS
Figure 13. Single-Tone SFDR vs. AOUT @ fOUT = fCLOCK/5
fCLOCK (MSPS)
90
50
60
55
65
70
80
75
85
060
90
30
150
120
180
210
5mA
5mA (LFCSP)
10mA
20mA
10mA (LFCSP)
20mA (LFCSP)
Figure 14. SNR vs. fCLOCK and IOUTFS @ fOUT = 5 MHz and 0 dBFS
AOUT (dBFS)
95
45
55
65
75
85
–25
–15
–20
–10
–5
0
210MSPS (29, 31) LFCSP
210MSPS (29, 31)
78MSPS
165MSPS
125MSPS
65MSPS
Figure 15. Dual-Tone IMD vs. AOUT @ fOUT = fCLOCK/7
CODE
0.25
–0.25
–0.15
–0.05
0.05
0.15
0
512
256
768
1024
Figure 16. Typical INL
CODE
0.25
–0.25
–0.15
–0.05
0.05
0.15
0
512
256
768
1024
Figure 17. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com