Electronic Components Datasheet Search
  English  ▼

X  

AD9740-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 210 MSPS TxDAC D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 10Page - Analog Devices AD9740-EB Datasheet HTML 11Page - Analog Devices AD9740-EB Datasheet HTML 12Page - Analog Devices AD9740-EB Datasheet HTML 13Page - Analog Devices AD9740-EB Datasheet HTML 14Page - Analog Devices AD9740-EB Datasheet HTML 15Page - Analog Devices AD9740-EB Datasheet HTML 16Page - Analog Devices AD9740-EB Datasheet HTML 17Page - Analog Devices AD9740-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9740
Rev. B | Page 14 of 32
150pF
1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
REFIO
FS ADJ
AD9740
REFERENCE
CONTROL
AMPLIFIER
3.3V
Figure 25. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9740 contains a control amplifier that is used to regulate
the full-scale output current, IOUTFS. The control amplifier is
configured as a V-I converter, as shown in Figure 24, so that its
current output, IREF, is determined by the ratio of the VREFIO and
an external resistor, RSET, as stated in Equation 4. IREF is copied
to the segmented current sources with the proper scale factor to
set IOUTFS, as stated in Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5 μA and 625 μA. The wide adjustment span of IOUTFS
provides several benefits. The first relates directly to the power
dissipation of the AD9740, which is proportional to IOUTFS (see
the Power Dissipation section). The second relates to a 20 dB
adjustment, which is useful for system gain control purposes.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz and can be used for low frequency small
signal multiplying applications.
DAC TRANSFER FUNCTION
The AD9740 provides complementary current outputs, IOUTA
and IOUTB. IOUTA provides a near full-scale current output,
IOUTFS, when all bits are high (that is, DAC CODE = 1023), while
IOUTB, the complementary output, provides no current. The
current output appearing at IOUTA and IOUTB is a function of
both the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/1023) × IOUTFS
(1)
IOUTB = (1023 − DAC CODE)/1024 × IOUTFS
(2)
where DAC CODE = 0 to 1023 (that is, decimal representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage,
VREFIO, and external resistor, RSET. It can be expressed as:
IOUTFS = 32 × IREF
(3)
where
IREF = VREFIO/RSET
(4)
The two current outputs typically drive a resistive load directly
or via a transformer. If dc coupling is required, then IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note that
RLOAD can represent the equivalent load resistance seen by
IOUTA or IOUTB, as would be the case in a doubly terminated
50 Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply
VOUTA = IOUTA × RLOAD
(5)
VOUTB = IOUTB × RLOAD
(6)
Note that the full-scale value of VOUTA and VOUTB should not
exceed the specified output compliance range to maintain
specified distortion and linearity performance.
VDIFF = (IOUTA − IOUTB) × RLOAD
(7)
Substituting the values of IOUTA, IOUTB, IREF, and VDIFF can be
expressed as:
VDIFF = {(2 × DAC CODE − 1023)/1024}
(32 × RLOAD/RSET) × VREFIO
(8)
Equation 7 and Equation 8 highlight some of the advantages of
operating the AD9740 differentially. First, the differential
operation helps cancel common-mode error sources associated
with IOUTA and IOUTB, such as noise, distortion, and dc
offsets. Second, the differential code-dependent current and
subsequent voltage, VDIFF, is twice the value of the single-ended
voltage output (that is, VOUTA or VOUTB), thus providing twice the
signal power to the load.
Note that the gain drift temperature performance for a single-
ended (VOUTA and VOUTB) or differential output (V
B
DIFF
) of the
AD9740 can be enhanced by selecting temperature tracking
resistors for RLOAD and RSET due to their ratiometric relationship,
as shown in Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA,
and IOUTB can be configured for single-ended or differential
operation. IOUTA and IOUTB can be converted into
complementary single-ended voltage outputs, VOUTA and VOUTB,
via a load resistor, RLOAD, as described in the DAC Transfer
Function section by Equation 5 through Equation 8. The
differential voltage, VDIFF, existing between VOUTA and VOUTB, can
also be converted to a single-ended voltage via a transformer or
differential amplifier configuration. The ac performance of the
AD9740 is optimum and specified using a differential
transformer-coupled output in which the voltage swing at
IOUTA and IOUTB is limited to ±0.5 V.
The distortion and noise performance of the AD9740 can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can
be significantly reduced by the common-mode rejection of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com