Electronic Components Datasheet Search
  English  ▼

X  

AD9740-EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 210 MSPS TxDAC D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 13Page - Analog Devices AD9740-EB Datasheet HTML 14Page - Analog Devices AD9740-EB Datasheet HTML 15Page - Analog Devices AD9740-EB Datasheet HTML 16Page - Analog Devices AD9740-EB Datasheet HTML 17Page - Analog Devices AD9740-EB Datasheet HTML 18Page - Analog Devices AD9740-EB Datasheet HTML 19Page - Analog Devices AD9740-EB Datasheet HTML 20Page - Analog Devices AD9740-EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9740
Rev. B | Page 17 of 32
IOUTFS (mA)
35
0
2
30
25
20
15
10
4
6
8
10
121416
1820
Figure 29. IAVDD vs. IOUTFS
RATIO (fOUT/fCLOCK)
20
0.01
1
0.1
14
16
18
12
10
8
6
4
2
0
165MSPS
210MSPS
65MSPS
125MSPS
Figure 30. IDVDD vs. Ratio @ DVDD = 3.3 V
fCLOCK (MSPS)
11
0
0
150
100
50
200
250
PECL
DIFF
SE
10
9
8
7
6
5
4
3
2
1
Figure 31. ICLKVDD vs. fCLOCK and Clock Mode
APPLYING THE AD9740
Output Configurations
The following sections illustrate some typical output
configurations for the AD9740. Unless otherwise noted, it is
assumed that IOUTFS is set to a nominal 20 mA. For applications
requiring the optimum dynamic performance, a differential
output configuration is suggested. A differential output
configuration can consist of either an RF transformer or a
differential op amp configuration. The transformer
configuration provides the optimum high frequency
performance and is recommended for any application that
allows ac coupling. The differential op amp configuration is
suitable for applications requiring dc coupling, bipolar output,
signal gain, and/or level shifting within the bandwidth of the
chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage
results if IOUTA and/or IOUTB is connected to an
appropriately sized load resistor, RLOAD, referred to ACOM.
This configuration can be more suitable for a single-supply
system requiring a dc-coupled, ground referred output voltage.
Alternatively, an amplifier could be configured as an I-V
converter, thus converting IOUTA or IOUTB into a negative
unipolar voltage. This configuration provides the best dc linearity
because IOUTA or IOUTB is maintained at a virtual ground.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in Figure 32. A
differentially coupled transformer output provides the
optimum distortion performance for output signals whose
spectral content lies within the transformer’s pass band. An
RF transformer, such as the Mini-Circuits® T1–1T, provides
excellent rejection of common-mode distortion (that is, even-
order harmonics) and noise over a wide frequency range. It also
provides electrical isolation and the ability to deliver twice the
power to the load. Transformers with different impedance ratios
can also be used for impedance matching purposes. Note that
the transformer provides ac coupling only.
RLOAD
AD9740
MINI-CIRCUITS
T1-1T
OPTIONAL RDIFF
IOUTA
IOUTB
22
21
Figure 32. Differential Output Using a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com