Electronic Components Datasheet Search
  English  ▼

X  

LTC2970CUFD Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology LTC2970CUFD Datasheet HTML 33Page - Linear Technology LTC2970CUFD Datasheet HTML 34Page - Linear Technology LTC2970CUFD Datasheet HTML 35Page - Linear Technology LTC2970CUFD Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC2970/LTC2970-1
33
29701fc
APPLICATIO S I FOR ATIO
4. Solve for R30B and R31B.
RB
RA V
V
mV
V
RR
FB
FB
30
40 236
0 8
10
1
10
1
0
0
≤
•−
−
−
()
•+
μ
.
2
20
10 5
236
0 8
0 8
10
08
⎛
⎝⎜
⎞
⎠⎟
=
•
−−−
(.
.
.
)
.
k
AVV
mV
V
Ωμ
••+
⎛
⎝⎜
⎞
⎠⎟
=
1
4 750
1
5 970
2 870
,,
,
ΩΩ
Ω
RB
RA V
V
mV
V
RR
FB
FB
31
41 236
0 8
10
1
11
1
1
1
≤
•−
−
−
()
•+
μ
.
2
21
10 5
236
0 8
0 8
10
08
⎛
⎝⎜
⎞
⎠⎟
=
•
−−−
(.
.
.
)
.
k
AVV
mV
V
Ωμ
••+
⎛
⎝⎜
⎞
⎠⎟
=
1
3 880
1
8 250
2 863
,,
,
ΩΩ
Ω
For coincident tracking to occur Equation 17 also must
be satisfied:
RB
R
RB
R
30
20
31
21
=
→=•
=
•
=
RB
RB
R
R
30
31
21
20
2 863
8 250
5 970
2 078
,
,
,,
Ω
Ω
ΩΩ
Ω
→=
•
=
•
=
RB
RB
R
R
31
30
20
21
2 870
5 970
8 250
3 957
,
,
,,
Ω
Ω
ΩΩ
Ω
Let R30B = 2,100Ω and R31B = 2,890Ω.
5. Solve for R30A and R31A.
Referring to Equation 18:
RA
R
R
R
VV
V
DC MAX
DC NOM
DC
30
20
1
20
10
00
≤
+
⎛
⎝⎜
⎞
⎠⎟
•
−
,,
0
0
30
5 970
1
5 970
4 750
,
,
,
,
NOM
RB
⎛
⎝
⎜
⎞
⎠
⎟
−=
+
⎛
⎝⎜
⎞
⎠
Ω
Ω
Ω⎟⎟
•
−
⎛
⎝⎜
⎞
⎠⎟
−=
105 1
1
2 100
50 806
.
,,
ΩΩ
RA
R
R
R
VV
V
DC MAX
DC NOM
DC
31
21
1
21
11
11
≤
+
⎛
⎝⎜
⎞
⎠⎟
•
−
,,
1
1
31
8 250
1
8 250
3 880
,
,
,
,
NOM
RB
⎛
⎝
⎜
⎞
⎠
⎟
−=
+
⎛
⎝⎜
⎞
⎠
Ω
Ω
Ω⎟⎟
•
−
⎛
⎝⎜
⎞
⎠⎟
−=
105 1
1
2 890
49 888
.
,,
ΩΩ
Let R30A = 49.9kΩ and R31A = 48.7kΩ.
6. Solve for Channel 1’s tracking counter delay relative to
Channel 0, CH1_A_DELAY_TRACK().
First, recalculate the values of VDCn,NOM based on the final
values of R1n and R2n:
VV
R
R
IR
V
DC NOM
FB
FB
0
1
20
10
20
08
1
,
.
′ =• +
⎛
⎝⎜
⎞
⎠⎟
+•
=
• ++
⎛
⎝⎜
⎞
⎠⎟
+=
5 970
4 750
0 1 805
,
,
.
Ω
Ω
V
VV
DC NOM
1
08
1
8 250
3 880
0 2 501
,
.
,
,
.
′ =• +
⎛
⎝⎜
⎞
⎠⎟
+=
Ω
Ω
V
V
Next, apply Equation 19:
CH
A DELAY TRACK
VV
R
DC NOM
DC NOM
1
10
__
_
()
,,
=
′ −
′
()• 331
21
141
2 501
1 805
2 890
B
R
A count R
VV
μ /
..
,
•
=
−
()•
Ω
8
8 250
110 5
23
,
/.
Ω
Ω
μA count
k
counts
•
=
7. Solve for the IDAC0 and IDAC1 terminal tracking codes,
Chn_a_idac_track[7:0].
Ch
a idac
Ch
a idac
V
A
07 0
1
7 0
255
08
1
__
[ : ]
_ _
[ : ]
.
==
−
μ //.
LSB
k
•
=
10 5
179
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com