Electronic Components Datasheet Search
  English  ▼

X  

LTC2970CUFD Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology LTC2970CUFD Datasheet HTML 33Page - Linear Technology LTC2970CUFD Datasheet HTML 34Page - Linear Technology LTC2970CUFD Datasheet HTML 35Page - Linear Technology LTC2970CUFD Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC2970/LTC2970-1
36
29701fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
0308 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2920-1/LTC2920-2
Single/Dual Power Supply Margining Controllers
Symmetric/Asymmetric High and Low Voltage Margining
LTC2921/LTC2922
Power Supply Trackers with Input Monitors
3 (LTC2921) or 5 (LTC2922) Remote Sense Switches
LTC2923
Power Supply Tracking Controller
Up to 3 Supplies
LTC2924
Quad Power Supply Sequencer
Voltage Monitoring and Sequence Error Detection and Reporting
LTC2925
Multiple Power Supply Tracking Controller
Power Good Timer, Remote Sense Switch
LTC2926
MOSFET Controller Power Supply Tracker
Up to 3 Modules
LTC2927
Single Power Supply Tracker
Point of Load Applications
TYPICAL APPLICATIO
OUT
FB
0.1
μF
0.1
μF
I–
I+
I2C BUS
SMBUS
COMPATIBLE
LOAD
DC/DC
CONVERTER 0
SGND
10k
29701 TA01
RUN/SS
IN
VIN
LTC2970
ALERT
SCL
SDA
GPIO_0
RGND
REF
12VIN
GND
PGND
OUT
FB
I–
I+
LOAD
DC/DC
CONVERTER 1
SGND
RUN/SS
IN
VIN
PGND
ASEL0 ASEL1
VDD
GPIO_CFG
VIN0_BM
VIN0_BP
VIN0_AP
VOUT0
IOUT0
VIN0_AM
GPIO_1
VIN1_BM
VIN1_BP
VIN1_AP
VOUT1
IOUT1
VIN1_AM
()
R50
R30
R20
R10
R40
R51
R31
R21
R11
R41
8V TO 15V
0.1
μF
10
9
20
17
18
19
4
3
11
1
14
2
16
8
7
12
5
13
6
15
23
24
21
22
25
Figure 8. Typical LTC2970 Application Circuit for
DC/DC Converters with External Feedback Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com