Electronic Components Datasheet Search
  English  ▼

X  

LTC2970CUFD Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 26Page - Linear Technology LTC2970CUFD Datasheet HTML 27Page - Linear Technology LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology LTC2970CUFD Datasheet HTML 33Page - Linear Technology LTC2970CUFD Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC2970/LTC2970-1
30
29701fc
APPLICATIO S I FOR ATIO
7-Step Procedure for Calculating Tracking Application
Circuit Resistor Values, Counter Delay Values, and
Terminal IDAC Codes
The following 7-step procedure should be used to calculate
the resistor values, tracking counter delays, and terminal
IDAC codes for the Tracking Application Circuit shown in
Figure 3.
1. Assume a value for R20 and solve for R21.
VDCn,NOMistheoutputvoltageoftheDC/DCconverterwhen
the LTC2970’s VOUTn pin is in a high impedance state.
RR
V
V
DC NOM
DC NOM
21
20
1
0
=•
,
,
(12)
2. Solve for R10 and R11.
R
Rn
V
V
DC NOM
FB
1
2
1
n
n
n
=
−
⎛
⎝⎜
⎞
⎠⎟
,
(13)
3. Solve for R40 and R41.
For simplicity, this procedure assumes that R40 = R41.
VDCn,MAX and VDCn,MIN are the maximum and minimum
converter output margin voltages, respectively.
The value of R40 = R41 is constrained by:
RR
V
VV
VV
FB
DC NOM
DC MIN
DC MAX
D
40
41
=≥
•
−
()
−
n
nn
n
,,
,
C
C NOM
mV
A
n,
()
+
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
+
110
236
μ
(14)
Due to the forward drop of diodes D10 and D11 (0.8V
max), the minimum value for R40 = R41 from expression
(14) may result in small or even negative values of R30
and R31 in Step 4. If this is the case, assume a minimum
allowable value for R3nB, and use the following expression
to calculate the minimum value R40 = R41:
RR
V
RB
R
RB
R
V
FB
40
41
1
3
1
3
2
08
1
=≥
•+
+
⎛
⎝⎜
⎞
⎠⎟
++
n
n
n
n
n
.
0
0
236
mV
A
μ
(15)
Note: Use the channel whose parameters yield the maxi-
mum value for R40 = R41.
4. Solve for R30B and R31B.
Solve for the upper limits of R30B and R31B and then
determine which resistor value constrains the maximum
value of the other resistor using Equation 17.
RB
RA V
V
mV
V
RR
FB
FB
3
4
236
0 8
10
1
1
1
n
n
n
n
n
≤
•−
−
−
()
•+
μ
.
2
2n
⎛
⎝⎜
⎞
⎠⎟
(16)
RB
R
RB
R
30
20
31
21
=
(17)
5. Solve for R30A and R31A.
R30A and R31A are constrained by:
RA
R
R
R
VV
V
DC MAX
DC NOM
DC
3
2
1
2
1
n
n
n
n
nn
≤
+
⎛
⎝⎜
⎞
⎠⎟
•
−
,,
n
n
n
,NOM
RB
⎛
⎝
⎜
⎞
⎠
⎟
− 3
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com