Electronic Components Datasheet Search
  English  ▼

X  

DAC8512FS Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8512FS
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 4 Page - Analog Devices

  DAC8512FS Datasheet HTML 1Page - Analog Devices DAC8512FS Datasheet HTML 2Page - Analog Devices DAC8512FS Datasheet HTML 3Page - Analog Devices DAC8512FS Datasheet HTML 4Page - Analog Devices DAC8512FS Datasheet HTML 5Page - Analog Devices DAC8512FS Datasheet HTML 6Page - Analog Devices DAC8512FS Datasheet HTML 7Page - Analog Devices DAC8512FS Datasheet HTML 8Page - Analog Devices DAC8512FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DAC8512
–4–
REV. A
CLR
t
csh
D11
D10
D9
D8
D7
D6
D5
D3
D4
D1
D2
D0
t
ld2
t
css
t
ld1
tS
t
dh
t
ds
t
cl
t
ch
t
ldw
t
s
t
clrw
±1 LSB
ERROR BAND
SDI
CLK
CS
SDI
CLK
FS
ZS
VOUT
LD
LD
Figure 1. Timing Diagram
DATA
SHIFT
REGISTER
ESD PROTECTION DIODES TO VDD AND GND
SDI
CS
CLK
Figure 2. Equivalent Clock Input Logic
Table I. Control-Logic Truth Table
CS
2
CLK
2
CLR
LD
Serial Shift Register Function
DAC Register Function
H
X
H
H
No Effect
Latched
L
L
H
H
No Effect
Latched
L
H
H
H
No Effect
Latched
L
↑+
H
H
Shift-Register-Data Advanced One Bit
Latched
↑+
L
H
H
Shift-Register-Data Advanced One Bit
Latched
HX
H
↓–
No Effect
Updated with Current Shift Register Contents
H
X
H
L
No Effect
Transparent
H
X
L
X
No Effect
Loaded with All Zeros
HX
↑+
H
No Effect
Latched All Zeros
NOTES
l
↑+ positive logic transition; ↓– negative logic transition; X = Don’t Care.
2CS and CLK are interchangeable.
3Returning CS HIGH avoids an additional “false clock” of serial data input.
4Do not clock in serial data while LD is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com