Electronic Components Datasheet Search
  English  ▼

X  

DAC8512FS Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8512FS
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8512FS Datasheet HTML 2Page - Analog Devices DAC8512FS Datasheet HTML 3Page - Analog Devices DAC8512FS Datasheet HTML 4Page - Analog Devices DAC8512FS Datasheet HTML 5Page - Analog Devices DAC8512FS Datasheet HTML 6Page - Analog Devices DAC8512FS Datasheet HTML 7Page - Analog Devices DAC8512FS Datasheet HTML 8Page - Analog Devices DAC8512FS Datasheet HTML 9Page - Analog Devices DAC8512FS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DAC8512
–6–
REV. A
OUTPUT SECTION
The rail-to-rail output stage of this amplifier has been designed
to provide precision performance while operating near either
power supply.
VDD
VOUT
AGND
N-CH
P-CH
Figure 4. Equivalent Analog Output Circuit
Figure 4 shows an equivalent output schematic of the rail-to-rail
amplifier with its N channel pull down FETs that will pull an
output load directly to GND. The output sourcing current is
provided by a P channel pull up device that can supply GND
terminated loads, especially at the low supply tolerance values of
4.75 volts. Figures 5 and 6 provide information on output swing
performance near ground and full-scale as a function of load. In
addition to resistive load driving capability the amplifier has also
been carefully designed and characterized for up to 500 pF ca-
pacitive load driving capability.
POWER SUPPLY
The very low power consumption of the DAC8512 is a direct
result of a circuit design optimizing use of the CBCMOS pro-
cess. By using the low power characteristics of the CMOS for
the logic, and the low noise, tight matching of the complemen-
tary bipolar transistors good analog accuracy is achieved.
For power consumption sensitive applications it is important to
note that the internal power consumption of the DAC8512 is
strongly dependent on the actual logic input voltage levels
present on the SDI, CS, LD, and CLR pins. Since these inputs
are standard CMOS logic structures they contribute static
power dissipation dependent on the actual driving logic VOH and
VOL voltage levels. The graph in Figure 9 shows the effect on to-
tal DAC8512 supply current as a function of the actual value of
input logic voltage. Consequently use of CMOS logic vs. TTL
minimizes power dissipation in the static state. A VIL = 0 V on
the SDI, CS and CLR pins provides the lowest standby power
dissipation of 2.5 mW (500
µA × 5 V).
As with any analog system, it is recommended that the DAC8512
power supply be bypassed on the same PC card that contains the
chip. Figure 10 shows the power supply rejection versus frequen-
cy performance. This should be taken into account when using
higher frequency switched mode power supplies with ripple fre-
quencies of 100 kHz and higher.
One advantage of the rail-to-rail output amplifier used in the
DAC8512 is the wide range of usable supply voltage. The part
is fully specified and tested over temperature for operation from
+4.75 V to +5.25 V. If reduced linearity and source current ca-
pability near full scale can be tolerated, operation of the DAC8512
is possible down to +4.3 volts. The minimum operating supply
voltage versus load current plot, in Figure 11, provides informa-
tion for operation below VDD = +4.75 V.
TIMING AND CONTROL
The DAC8512 has a separate serial input register from the
12-bit DAC register that allows preloading of a new data value
into the serial register without disturbing the present DAC out-
put voltage. After the new value is fully loaded in the serial in-
put register it can be asynchronously transferred to the DAC
register by strobing the LD pin. The DAC register uses a level
sensitive LD strobe that should be returned high before any
new data is loaded into the serial input register. At any time the
contents of the DAC register can be reset to zero by strobing
the CLR pin which causes the DAC output voltage to go to
zero volts. All of the timing requirements are detailed in Figure
1 along with the Table I Control-Logic Truth Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com