Electronic Components Datasheet Search
  English  ▼

X  

DAC8512FS Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8512FS
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8512FS Datasheet HTML 9Page - Analog Devices DAC8512FS Datasheet HTML 10Page - Analog Devices DAC8512FS Datasheet HTML 11Page - Analog Devices DAC8512FS Datasheet HTML 12Page - Analog Devices DAC8512FS Datasheet HTML 13Page - Analog Devices DAC8512FS Datasheet HTML 14Page - Analog Devices DAC8512FS Datasheet HTML 15Page - Analog Devices DAC8512FS Datasheet HTML 16Page - Analog Devices DAC8512FS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DAC8512
–13–
REV. A
Opto-Isolated Interfaces for Process Control Environments
In many process control type applications, it is necessary to pro-
vide an isolation barrier between the controller and the unit be-
ing controlled. Opto-isolators can provide isolation in excess of
3 kV. The serial loading structure of the DAC8512 makes it
ideal for opto-isolated interfaces as the number of interface lines
is kept to a minimum.
Illustrated in Figure 34 is an opto-isolated interface using the
DAC8512. In this circuit, the CS line is always LOW to enable
the DAC, and the 10 k
Ω/1 µF combination connected to the
DAC’s CLR pin sets a turn-on time constant of 10 ms to reset
the DAC upon application of power. Three opto-couplers are
then used for the SDI, SCLK, and LD lines.
Often times reducing the number of interface lines to two lines
is required in many control environments. The circuit illustrated
in Figure 35 shows how to convert a two-line interface into the
three control lines required to control the DAC8512 without us-
ing one shots. This technique uses a counter to keep track of the
clock cycles and, when all the data has been input to the DAC,
the external logic generates the LD pulse.
0.1
µF
+5V
5
6
8
DAC8512
1
CS
3
4
7
2
0.1
µF
10k
Ω
+5V
VOUT
+5V
+5V
+5V
10k
Ω
SCLK
10k
Ω
SDI
10k
Ω
LD
LD
SCLK
SDI
+5V
REG
+5V
POWER
HIGH VOLTAGE
ISOLATION
Figure 34. An Opto-Isolated DAC Interface
+5V
+5V
10k
Ω
10k
Ω
SCLK
SDI
+5V
REG
+5V
POWER
HIGH VOLTAGE
ISOLATION
74HC161
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
V
CC
RCO
Q
A
Q
B
Q
C
Q
D
ENT
LOAD
+5V
10k
Ω
NC
NC
NC
0.1
µF
+5V
+5V
10k
Ω
X
1
2
3
Y
4
5
6
1/4 74HCOO
1/4 74HCOO
V
DD
0.1
µF
3
5
8
DAC8512
1
+5V
4
LD
SCLK
SDI
7
6
CLR
GND
V
OUT
CS
2
+5V
10k
Ω
1
µF
Figure 35. A Two-Wire, Opto-lsolated DAC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com