Electronic Components Datasheet Search
  English  ▼

X  

TIL303 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL303
Description  NUMERIC DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL303 Datasheet(HTML) 4 Page - Texas Instruments

  TIL303 Datasheet HTML 1Page - Texas Instruments TIL303 Datasheet HTML 2Page - Texas Instruments TIL303 Datasheet HTML 3Page - Texas Instruments TIL303 Datasheet HTML 4Page - Texas Instruments TIL303 Datasheet HTML 5Page - Texas Instruments TIL303 Datasheet HTML 6Page - Texas Instruments TIL303 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIL302, TIL303, TIL304
NUMERIC DISPLAYS
SOES010A, APRIL 1971 − REVISED DECEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
4
TYPICAL CHARACTERISTICS
0.5
0.4
0.1
0
600 610 620 630 640 650 660
0.6
0.8
RELATIVE SPECTRAL CHARACTERISTICS
0.9
670 680 690 700
0.2
0.7
λ − Wavelength − nm
IF = 20 mA
TA = 25°C
1
0.3
0.2
0.1
0.4
1
2
0.7
4
0
10
2030
4050
6070
TA − Free-Air Temperature − °C
RELATIVE LUMINOUS INTENSITY
vs
FREE-AIR TEMPERATURE
IF = Constant
Figure 1
Figure 2
0
5
10
15
20
25
30
IF − Forward Current − mA
2
1
4
10
20
7
40
0
1
23
45
FORWARD-CONDUCTION CHARACTERISTICS
RELATIVE LUMINOUS INTENSITY
vs
FORWARD CURRENT
1
0.8
0.2
0
1.2
1.6
0.4
1.4
0.6
TA = 25°C
VF − Forward Voltage − V
Decimal
Point
TA = 25°C
Each
Segment
0.5
1.5
2.5
3.5
4.5
Figure 3
Figure 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com