Electronic Components Datasheet Search
  English  ▼

X  

TIL303 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL303
Description  NUMERIC DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL303 Datasheet(HTML) 3 Page - Texas Instruments

  TIL303 Datasheet HTML 1Page - Texas Instruments TIL303 Datasheet HTML 2Page - Texas Instruments TIL303 Datasheet HTML 3Page - Texas Instruments TIL303 Datasheet HTML 4Page - Texas Instruments TIL303 Datasheet HTML 5Page - Texas Instruments TIL303 Datasheet HTML 6Page - Texas Instruments TIL303 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIL302, TIL303, TIL304
NUMERIC DISPLAYS
SOES010A, APRIL 1971 − REVISED DECEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Reverse voltage at 25
°C free-air temperature: Each segment
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Decimal point
3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak forward current, each segment or decimal point (see Note 1)
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous forward current: Each segment or decimal point
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total for TIL302, TIL303
240 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total for TIL304
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: This value applies for PRR
≥ 60 Hz, duty cycle ≤ 10%.
operating characteristics of each segment at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Iv
Luminous intensity (see Note 2)
100
275
µcd
λp
Wavelength at peak emission
IF = 20 mA
660
nm
∆λ
Spectral bandwidth
IF = 20 mA
20
nm
VF
Static forward voltage
3
3.4
3.8
V
αVF
Average temperature coefficient of static forward voltage
IF = 20 mA,
TA = 0°C to 70°C
− 2.7
mV/
°C
IR
Static reverse current
VR = 6 V
100
µA
C
Anode-to-cathode capacitance
VR = 0, f = 1 MHz
85
pF
operating characteristics of decimal point at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Iv
Luminous intensity (see Note 2)
40
110
µcd
λp
Wavelength at peak emission
IF = 20 mA
660
nm
∆λ
Spectral bandwidth
IF = 20 mA
20
nm
VF
Static forward voltage
1.5
1.65
2
V
αVF
Average temperature coefficient of static forward voltage
IF = 20 mA,
TA = 0°C to 70°C
−1.4
mV/
°C
IR
Static reverse current
VR = 3 V
100
µA
C
Anode-to-cathode capacitance
VR = 0, f = 1 MHz
120
pF
NOTE 2: Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on
Illumination) eye-response curve.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com