Electronic Components Datasheet Search
  English  ▼

X  

TIL303 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL303
Description  NUMERIC DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL303 Datasheet(HTML) 1 Page - Texas Instruments

  TIL303 Datasheet HTML 1Page - Texas Instruments TIL303 Datasheet HTML 2Page - Texas Instruments TIL303 Datasheet HTML 3Page - Texas Instruments TIL303 Datasheet HTML 4Page - Texas Instruments TIL303 Datasheet HTML 5Page - Texas Instruments TIL303 Datasheet HTML 6Page - Texas Instruments TIL303 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIL302, TIL303, TIL304
NUMERIC DISPLAYS
SOES010A, APRIL 1971 − REVISED DECEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
1
• Red Solid-State Display
• 6,9-mm (0.270-Inch) Character Height
• High Luminous Intensity
• Low Power Requirements
• Each Unit Visually Checked for Uniformity
of Elements
• Sign, Overflow, and Left or Right Decimal
Capabilities
• Wide Viewing Angle
• Compatible With Most TTL and DTL
Circuits
mechanical data
These assemblies consist of display chips mounted on a header with molded plastic body. Multiple displays may
be mounted on 11,43-mm (0.450-inch) centers.
NOTES: A. All linear dimensions are in millimeters and parenthetically in inches.
B. Centerlines of character segments are shown as dashed lines. Associated dimensions are nominal.
C. The true-position pin spacing is 2,54 mm (0.100 inch) between centerlines. Each centerline is located within 0,26 mm (0.010 inch)
of its true longitudinal position relative to pins 1 and 11.
of Pin 1
2,6 (0.101)
C
L
Decimal
Point
TIL302
19,31 (0.760)
18,29 (0.720)
7,88 (0.310)
7,36 (0.290)
Seating Plane
2,16 (0.085) MAX
4 Places
1,91 (0.075) MAX
2 Places
0,56 (0.022)
0,46 (0.018)
Dia All Pins
2,54 (0.100) T.P.
12 Places
(see Note C)
10,67 (0.420)
9,65 (0.380)
TOP VIEW
3,6 (0.140)
2,8 (0.110)
1
10
°
4,32 (0.170) MIN
Decimal
Point
TIL303
4,4
(0.174)
3,2 (0.127)
3,2 (0.127)
3,9 (0.152)
of Pin Row
For TIL302 and TIL303
CL
1,5
(0.059)
0,25 (0.010) TYP
4 Sides
2,13 (0.084)
TOP VIEW
10
°
Decimal
Point
3,2
(0.126)
3,3 (0.131)
2,06 (0.081)
of Pin Row
C
L
0,71 (0.028)
0,25 (0.010) TYP
4 Sides
2,06 (0.081)
0,48 (0.019)
3.9 (0.152)
0,48 (0.019)
of Pin Row
C
L
TIL302, TIL303, and TIL304
DECIMAL LAYOUTS ARE ON NEXT PAGE
TIL302
TIL303
TIL304
3,3 (0.131)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL300 ETC-TIL300 Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
List of Unclassifed Man...
TIL300A ETC-TIL300A Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300A TI1-TIL300A Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
More results

Similar Description - TIL303

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
0.4 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL308 TI-TIL308 Datasheet
112Kb / 7P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL306 TI-TIL306 Datasheet
146Kb / 9P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
INCH THREE DIGIT Numeric displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com