Electronic Components Datasheet Search
  English  ▼

X  

AMC7812SPAPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 32Page - Texas Instruments AMC7812SPAPR Datasheet HTML 33Page - Texas Instruments AMC7812SPAPR Datasheet HTML 34Page - Texas Instruments AMC7812SPAPR Datasheet HTML 35Page - Texas Instruments AMC7812SPAPR Datasheet HTML 36Page - Texas Instruments AMC7812SPAPR Datasheet HTML 37Page - Texas Instruments AMC7812SPAPR Datasheet HTML 38Page - Texas Instruments AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments AMC7812SPAPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
The AMC7812 has three temperature sensors: two remote (D1 and D2) and one on-chip (LT). If any sensor is
not used, it can be disabled by clearing the corresponding enable bit (bits D2EN, D1EN, and LTEN of the Temp
Configuration Register). When disabled, the sensors are not converted. The AMC7812 continuously monitors the
selected temperature sensors in the background, leaving the user free to perform conversions on the other
channels. When one monitor cycle finishes, a signal passes to the control logic to automatically initiate a new
conversion.
The analog sensing signal is preprocessed by a low-pass filter and signal conditioning circuitry, and then
digitized by the ADC. The resulting digital signal is further processed by the digital filter and processing unit. The
final result is stored in the LT-Temperature-Data Register, the D1-Temperature-Data Register, and the D2-
Temperature-Data Register, respectively. The format of the final result is in twos complement, as shown in
Table 2. Note that the device measures the temperature from –40°C to +150°C.
Table 2. Temperature Data Format
TEMPERATURE (°C)
DIGITAL CODE
+255.875
011111111111
+150
010010110000
+100
001100100000
+50
000110010000
+25
000011001000
+1
000000001000
0
000000000000
–1
111111111000
–25
111100111000
–50
111001110000
–100
110011100000
–150
101101010000
–256
100000000000
36
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com